Electronic Components Datasheet Search
  English  ▼

X  

690 Datasheet(PDF) 2 Page - Marl International Limited

Part # 690
Description  UL Certified - Certificate Number 20120419-E349017 High Intensity LED Panel Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

690 Datasheet(HTML) 2 Page - Marl International Limited

  690 Datasheet HTML 1Page - Marl International Limited 690 Datasheet HTML 2Page - Marl International Limited 690 Datasheet HTML 3Page - Marl International Limited 690 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
690 series
2.80
24.4
(0.961")
2.6
(0.102")
5
(0.197")
3
8.74+0.1
0
(0.344")
9.6+0.2
0
(0.375-0.378")
MOUNTING HOLE
(ANTI-ROTATION)
MOUNTING HOLE
(STANDARD)
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
Termination Tags
Header
Header
Header
Black Anodised Aluminium
Bright Nickel Plated Brass
Viton
Polycarbonate
PC5430 Resin
Spring Steel Wavy Washer
-
-
690
480
50^
9.6 (3/8
0.6 (0.44 lb/ft)
20 (0.780
1.5-13.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior written
consent from marl international limited. the information provided does not constitute part of any order or contract
and should not be regarded as a representation relating to either products or service. no responsibility can be
assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the
specification or any conditions of supply for product or service.
marl international limited - dsn 690 - version 2012-12-06-114049
page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com