Electronic Components Datasheet Search
  English  ▼

X  

690 Datasheet(PDF) 1 Page - Marl International Limited

Part # 690
Description  UL Certified - Certificate Number 20120419-E349017 High Intensity LED Panel Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

690 Datasheet(HTML) 1 Page - Marl International Limited

  690 Datasheet HTML 1Page - Marl International Limited 690 Datasheet HTML 2Page - Marl International Limited 690 Datasheet HTML 3Page - Marl International Limited 690 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
690 series
• UL Certified - Certificate Number 20120419-E349017
• High Intensity LED Panel Indicator
• Black anodised aluminium housing
• Wide viewing angle
• Suitable for high vibration applications
• 8 - 48Vac/dc Bi polar product
• Sealed to IP67 - weather proof and suitable for use in
external applications
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
690-501-66
Red
8-48
10
600
630
-40 - +80
-40 - +100
D
690-521-66
Yellow
8-48
10
600
585
-40 - +80
-40 - +100
D
690-532-66
Green
8-48
10
800
515
-40 - +80
-40 - +100
F
690-930-66
Blue
8-48
10
140
465
-30 - +85
-40 - +100
U
690-940-66
Infrared
8-48
10
20mW/sr
940
-40 - +85
-40 - +85
-
690-946-66
Infrared
8-48
10
20mW/sr
880
-40 - +85
-40 - +85
-
690-997-66
White
8-48
10
27000
* See below
-30 - +85
-40 - +100
I
690-532-66-50
Green
8-48
5
800
515
-40 - +80
-40 - +100
F
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international
limited for the intention of providing information, which must not be copied or released to a
third party without prior written consent from marl international limited. the information
provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for
inaccuracies or printing errors. marl international limited reserve the right to alter without
notice the specification or any conditions of supply for product or service.
marl international limited - dsn 690 - version 2012-12-06-114049
page 1 of 4


Similar Part No. - 690

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
690 BELDEN-690 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
TT Electronics.
690 TTELEC-690 Datasheet
189Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
List of Unclassifed Man...
690-008-221-013 ETC2-690-008-221-013 Datasheet
113Kb / 1P
USB CONNECTOR A TYPE, RIGHT ANGLE, DOUBLE DECK
690-009-521-013 ETC2-690-009-521-013 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
690-009-521-313 ETC2-690-009-521-313 Datasheet
523Kb / 3P
USB-A RECEPTACLE 90 DIP, 3.0 VERSION
More results

Similar Description - 690

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXR9126SID110V LUMEX-SSI-LXR9126SID110V Datasheet
165Kb / 2P
T5mm 636nm SUPER HIGH INTENSITY RED LED PANEL INDICATOR.
logo
Marl International Limi...
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
PANEL INDICATOR LED
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
logo
Dialight Corporation
656 DIALIGHT-656 Datasheet
532Kb / 4P
High Intensity LED Panel Mount Indicators
Nov2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com