Electronic Components Datasheet Search
  English  ▼

X  

696 Datasheet(PDF) 2 Page - Marl International Limited

Part # 696
Description  횠6.1mm mounting Black anodised aluminium housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

696 Datasheet(HTML) 2 Page - Marl International Limited

  696 Datasheet HTML 1Page - Marl International Limited 696 Datasheet HTML 2Page - Marl International Limited 696 Datasheet HTML 3Page - Marl International Limited 696 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
696 series
45°
*
24
10
Panel Seal
Sealing Ring
* Min/max panel thickness is 3mm / 6.5mm.
Panel and Mounting Hole
Anode termination denoted by red indicator
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
push on connectors
Header
Header
Header
Termination
909-000-00 is gold plated, 910-000-00 is
tin plated - for use with 696 series lamps.
Dimensions in mm (typical). Not to scale.
Black Anodised Aluminium
Black Anodised Aluminium
Black Anodised Aluminium
Polycarbonate
PC5430 Resin
Stainless Steel
Tin Plated Phosphor Bronze
-
696
500
1000^
6.1
0.65
15.0
3.0 - 6.5
optional flying lead terminations
Order Code
Suffix
Supply
Voltage
Wire
Colour
Wire
Length
No/Diameter
of Conductor
Diameter
Insulation
Comments
19
DC products
Red-anode/ Black-cathode
1000mm
Customised
lengths
available
19/0.15mm
1.2mm
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 696 - version 2012-12-06-114100
page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com