Electronic Components Datasheet Search
  English  ▼

X  

696 Datasheet(PDF) 3 Page - Marl International Limited

Part # 696
Description  횠6.1mm mounting Black anodised aluminium housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

696 Datasheet(HTML) 3 Page - Marl International Limited

  696 Datasheet HTML 1Page - Marl International Limited 696 Datasheet HTML 2Page - Marl International Limited 696 Datasheet HTML 3Page - Marl International Limited 696 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
696 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph H
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph R
10
20
30
40
50
8.5
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph Y
10
20
30
40
50
also available
Part numbers also available in the 696 series:
Part
Number
Colour
Voltage
Vopr
696-301-20
Red
5/6 Vdc
696-301-22
Red
24 Vdc
696-301-23-15
Red
28 Vdc
696-324-22
Green
24 Vdc
696-324-22-15
Green
24 Vdc
696-324-23-15
Green
28 Vdc
696-325-04
Yellow
20 mA dc
696-325-22
Yellow
24 Vdc
696-325-23-15
Yellow
28 Vdc
696-330-04-50
Red/Green
20 mA dc
696-934-22
Blue
24 Vdc
696-934-24
Blue
48 Vdc
696-998-22
White
24 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 696 - version 2012-12-06-114100
page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com