Electronic Components Datasheet Search
  English  ▼

X  

SIMB-A21 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SIMB-A21
Description  Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-A21 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SIMB-A21 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-A21 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semi-Industrial Motherboards
Features
SIMB-A21
Intel® LGA1155 Core™ i7/i5/i3, Celeron® ATX
with VGA/DVI, 6 COM and Dual LAN
ƒ Intel® LGA1155 socket supports Intel® Core™ i7/i5/i3/Celeron® processor
ƒ Intel H61 Chipset
ƒ Two 240-pin DIMM sockets supports up to 16GB DDR3 1066/1333 MHz
SDRAM
ƒ Intel HD Graphics 2000/3000 supports DirectX 10
ƒ Realtek ALC892 supports 5.1 + 2 channel HD audio
ƒ Dual Realtek RTL8111E Gigabit LAN
ƒ 1 PCIe x 16, 1 PCIe x1, 4 PCI
ƒ 6 COM (1 x RS-232 w/ power, 1 x RS-422/485 with power, 4 x RS-232)
ƒ 4SATA II, 10 USB 2.0
ƒ 8-bit GPIO
Specifications
Processor System
CPU
Intel Core 2nd gen. i7
Intel Core 2nd gen. i5
Intel Core 2nd gen. i3
Intel Celeron
Core Number
4
4
2
2
Max. Speed
i7-2600 3.4 GHz
i5-2400 3.1 GHz
i3-2120 3.3 GHz
Celeron G540 2.5 GHz
L2 Cache
8 MB
6 MB
3 MB
2 MB
Chipset
Intel H61
BIOS
AMI 32 Mbit, SPI
Front Side Bus
1066/1333 MHz
Expansion Slot
PCI
32-bit/33 MHz, 4 slot
PCIe x 16
4.0 GB/s per direction, 1 slot
PCIe x1
250 MB/s per direction, 1 slot
Full-size Mini-PCIe
-
Memory
Technology
Dual channel DDR3 1066/1333 MHz
Max. Capacity
16GB
Socket
2 x 240-pin DIMM
Graphics
Controller
Intel HD Graphics 2000/3000
VRAM
Shared memory up to 224 MB
VGA
1, supports max. resolution 2048 x 1536
DVI-D
1, supports max. resolution 1920 x 1200
Dual Display
VGA + DVI
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE-LAN1: Realtek RTL8111E, GbE-LAN2: Realtek RTL8111E
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
300 MB/s
Channel
4
SSD
SATA DOM
Power Pin7 of SATA 1
Rear I/O
VGA
1
DVI-D
1
Ethernet
2
USB
4 (USB 2.0)
Audio
3 (Line-out, Line-in, Mic-in)
Serial
1 (RS-232 w/ 5V/12V)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
6 (USB 2.0)
Serial
5 (1 x RS-232/422/485 and 4 x RS-232)
SATA
4 (SATA II)
Parallel
1 LPT Port header (2 x 13 pin)
GPIO
8-bit (4-bit DI and 4-bit DO)
Watchdog Timer
Output
System reset
Interval
Programmable 1~ 255 sec/min
Security
TPM
Optional Module via TPM Header
Power Requirements
Power On
+12 V
+5 V
+3.3 V
5 Vsb
6.04 A
4.34 A
2.38 A
0.82 A
Environment
Temperature
Operating
Non-Operating
0 ~ 50° C (32 ~ 140° F)
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
305mm x 203 mm (12" x 8.0")
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 31-Jan-2013


Similar Part No. - SIMB-A21

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SIMB-A21-8VG00A1E ADVANTECH-SIMB-A21-8VG00A1E Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
More results

Similar Description - SIMB-A21

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
AIMB-701 ADVANTECH-AIMB-701 Datasheet
486Kb / 2P
LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
AIMB-780 ADVANTECH-AIMB-780_12 Datasheet
2Mb / 2P
LGA1156 Intel짰 Core??i7/i5/i3/Pentium짰/Xeon짰 ATX with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-502 ADVANTECH-AIMB-502_14 Datasheet
903Kb / 2P
Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581_14 Datasheet
923Kb / 2P
Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
SIMB-A31 ADVANTECH-SIMB-A31_15 Datasheet
945Kb / 2P
Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-701 ADVANTECH-AIMB-701_V01 Datasheet
744Kb / 2P
LGA1155 3rd Intel짰 Core??i7/i5/i3/ Pentium짰 ATX with DVI/VGA, Dual GbE LAN
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com