Electronic Components Datasheet Search
  English  ▼

X  

SIMB-A21 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SIMB-A21
Description  Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX with VGA/DVI, 6 COM and Dual LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SIMB-A21 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SIMB-A21 Datasheet HTML 1Page - Advantech Co., Ltd. SIMB-A21 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SIMB-A21
Ordering Information
P/N
CPU
Chipset
VGA
GbE
USB
COM
SATA
SIMB-A21-8VG00A1E
Intel Core i7 / i5 / i3 / Celeron
Intel H61
1
2
10 (4 Rear, 6 Internal)
6 (1 Rear, 5 Internal)
4 SATA II
Note: Minimum order quantity is 200 pieces
Packing List
Description
Quantity
SATA Cable Kit (SATA/POWER)
1
I/O Shield
1
Startup Manual
1 (per 10 units)
Driver CD
1 (per 10 units)
Optional Accessories
Part Number
Description
1700003195
USB cable with two ports, 17.5 cm
1700002204
USB cable with two ports, 27 cm
1700008461
USB cable with two ports, 30.5 cm
1960047670N001
LGA1156 CPU cooler for 2U and wallmount chassis
Remark: Using Advantech Cooler (P/N 1750000334) with SIMB-A21 is not recommended.
I/O View
PCIe x 16
4Gb/s
Intel LGA1155
Core i7/i5/i3/Celeron
SPI FLASH
Realtek ALC892
2 x RS-232 Ports,
2 x PS/2 KB/MS,
H/W Monitor,
8-bit GOIP
Intel H61
PCIe x 16 Slot
USB 2.0
10 x USB 2.0 ports
PCIe x 1
LAN 1
Realtek RTL8111E
LAN 2
Realtek RTL8111E
PCIe x 1
PCIe x 1
PCIe x 1 Slot
PCIe x 1
PCIe x 1 to PCI Bridge
4 x PCI Slots
SM BUS
Winbond W83782G
DDR3 1066/1333 MHz
Channel A
DDR3 1066/1333 MHz
Channel B
VGA
4 x SATA II Ports
DVI-D
TMDS
SATA II
SPI
RGB
HD Audio
NCT6776F
SIO
Fintek
81216AD
4 x RS-232 Ports
Front panel
Connector
SM BUS
Connector



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com