Electronic Components Datasheet Search
  English  ▼

X  

LTC3261 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3261
Description  Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3261 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3261 Datasheet HTML 5Page - Linear Technology LTC3261 Datasheet HTML 6Page - Linear Technology LTC3261 Datasheet HTML 7Page - Linear Technology LTC3261 Datasheet HTML 8Page - Linear Technology LTC3261 Datasheet HTML 9Page - Linear Technology LTC3261 Datasheet HTML 10Page - Linear Technology LTC3261 Datasheet HTML 11Page - Linear Technology LTC3261 Datasheet HTML 12Page - Linear Technology LTC3261 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3245
9
3245f
For more information www.linear.com/LTC3245
applicaTions inForMaTion
Short-Circuit/Thermal Protection
The LTC3245 has built-in short-circuit current limiting as
well as overtemperature protection. During short-circuit
conditions the device will automatically limit the output
current.
The LTC3245 has thermal protection that will shut
down the device if the junction temperature exceeds the
overtemperature threshold (typically 175°C). Thermal
shutdown is included to protect the IC in cases of exces-
sively high ambient temperatures, or in cases of excessive
power dissipation inside the IC. The charge transfer will
reactivate once the junction temperature drops back to
approximately 165°C.
When the thermal protection is active, the junction tem-
perature is beyond the specified operating range. Thermal
protection is intended for momentary overload conditions
outsidenormaloperation.Continuousoperationabovethe
specified maximum operating junction temperature may
impair device reliability.
Soft-Start Operation
To prevent excessive current flow at VIN during start-up,
the LTC3245 has built-in soft-start circuitry. Soft-start is
achieved by increasing the amount of current available to
the output charge storage capacitor linearly over a period
of approximately 500μs. Soft-start is enabled whenever
the device is brought out of shutdown, and is disabled
shortly after regulation is achieved.
Programming the Output Voltage (OUTS/ADJ Pin)
The LTC3245 output voltage programming is very flexible
offering a fixed 3.3V output, fixed 5V output as well as
adjustable output that is programmed through an external
resistor divider. The desired output regulation method is
selected through the SET pins.
For a fixed output simply short OUTS (OUTS/ADJ pin) to
VOUT as shown in Figure 1. Fixed 3.3V operation is enabled
by driving both SEL1 and SEL2 pins high, while fixed 5V
operating is selected by driving SEL2 high with SEL1 low.
Driving both SEL1 and SEL2 low shuts down the device
causing VOUT to go high impedance.
Figure 1: Fixed Output Operation
Figure 2: Adjustable Output Operation
Adjustable output programming is accomplished by con-
necting ADJ (OUTS/ADJ pin) to a resistor divider between
VOUT and GND as shown in Figure 2. Adjustable operation
is enabled by driving SEL1 high and SEL2 low. Driving
both SEL1 and SEL2 low shuts down the device causing
VOUT to go high impedance.
VOUT
OUTS
GND
LTC3245
VOUT
FIXED 3.3V OR
FIXED 5V
3245 F01
COUT
VOUT
ADJ
GND
LTC3245
VOUT
3245 F02
COUT
RA
RB
1.2V
( )
1+
RA
RB
Using adjustable operation the output (VOUT) can be
programmed to regulate from 2.5V to 5V. The limited
programming range provides the required VOUT operating
voltage without overstressing the VOUT pin.
The desired adjustable output voltage is programmed by
solving the following equation for RA and RB:
RA
RB
=
VOUT
1.2V
–1
Select a value for RB in the range of 1k to 1M and solve
for RA. Note that the resistor divider current adds to the
total no load operating current. Thus a larger value for RB
will result in lower operating current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com