Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3675
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 28Page - Linear Technology LTC3675 Datasheet HTML 29Page - Linear Technology LTC3675 Datasheet HTML 30Page - Linear Technology LTC3675 Datasheet HTML 31Page - Linear Technology LTC3675 Datasheet HTML 32Page - Linear Technology LTC3675 Datasheet HTML 33Page - Linear Technology LTC3675 Datasheet HTML 34Page - Linear Technology LTC3675 Datasheet HTML 35Page - Linear Technology LTC3675 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
LTC3375
32
3375fa
For more information www.linear.com/3375
Typical applicaTions
Figure 8. Buck Regulators with Sequenced Start-Up Driven from a High Voltage Upstream Buck Converter
LTC3375
EXPOSED PAD
PB
2.2µH
0.01µF
PUSH BUTTON
VIN1
SW1
FB1
VIN8
SW8
FB8
3375 F08
2.2µH
422k
649k
422k
649k
10µF
1.2V
1A
2.5V
1A
1.8V
1A
1.6V
1A
1.2V
1A
10µF
10µF
10µF
10µF
10µF
10µF
10µF
22µF
22µF
22µF
22µF
2.5V
1A
1.8V
1A
1.6V
1A
22µF
22µF
22µF
22µF
2.2µH
VIN2
SW2
FB2
VIN7
SW7
FB7
2.2µH
1.02M
412k
1.02M
412k
2.2µH
VIN3
SW3
FB3
VIN6
SW6
FB6
2.2µH
649k
432k
649k
432k
2.2µH
VIN4
SW4
FB4
VCC
SDA
SCL
CT
402k
RT
KILL
SYNC
WDI
EN1
EN2
EN3
EN4
EN5
EN6
EN7
EN8
VIN5
SW5
FB5
VSHNT
VCC
FBVCC
IRQ
RST
WDO
TEMP
ON
MICROPROCESSOR
CONTROL
I2C
CONTROL
2.2µH
511k
422k
47k
215
3.3V
5mA
1
22µF
1.02M
576k
511k
422k
1µF
MICROPROCESSOR
CONTROL
HIGH VOLTAGE
5.5V TO 60V
FZT6928
0.1µF
CIN
22µF
VIN
5.5V TO 60V
INTVCC
34.8k
470pF
100k
100k
MTOP, MBOT: Si7850DP
L1 COILCRAFT SER1360-802KL
COUT: SANYO 10TPE330M
D1: DFLS1100
19.1k
2.2µF
D1
0.1µF
FREQ
ITH
SGND
SGND
LTC3891
VIN
PGOOD
PLLIN/MODE
ILIM
INTVCC
PGND
L1
8µH
RSENSE
7m
BOOST
SW
BG
SENSE+
SENSE–
EXTVCC
VFB
TG
MTOP
MBOT
1nF
COUT
330µF
5V
6A
TRACK/SS
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com