Electronic Components Datasheet Search
  English  ▼

X  

LTC3675 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3675
Description  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3675 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3675 Datasheet HTML 28Page - Linear Technology LTC3675 Datasheet HTML 29Page - Linear Technology LTC3675 Datasheet HTML 30Page - Linear Technology LTC3675 Datasheet HTML 31Page - Linear Technology LTC3675 Datasheet HTML 32Page - Linear Technology LTC3675 Datasheet HTML 33Page - Linear Technology LTC3675 Datasheet HTML 34Page - Linear Technology LTC3675 Datasheet HTML 35Page - Linear Technology LTC3675 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC3375
33
3375fa
For more information www.linear.com/3375
Typical applicaTions
Figure 9. Combined Buck Regulators with Common Input Supply
LTC3375
EXPOSED PAD
PB
2.2µH
0.01µF
PUSH BUTTON
VIN1
SW1
SW2
SW3
SW4
FB1
VIN6
SW8
SW7
SW6
FB6
3375 F09
2.2µH
422k
649k
1.02M
412k
1.2V
3A
2.5V
4A
2.7V TO 5.5V
100µF
68µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
VIN2
FB2
VIN7
FB7
VIN3
FB3
VIN8
FB8
2.2µH
VIN4
FB4
SDA
SCL
CT
RT
WDI
EN1
EN5
EN6
KILL
SYNC
EN2
EN3
EN4
EN7
EN8
VIN5
SW5
FB5
VSHNT
FBVCC
IRQ
RST
WDO
ON
TEMP
VCC
MICROPROCESSOR
CONTROL
I2C
CONTROL
511k
422k
1.6V
1A
1µF
22µF
MICROPROCESSOR
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com