Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3604
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3604 Datasheet HTML 5Page - Linear Technology LTC3604 Datasheet HTML 6Page - Linear Technology LTC3604 Datasheet HTML 7Page - Linear Technology LTC3604 Datasheet HTML 8Page - Linear Technology LTC3604 Datasheet HTML 9Page - Linear Technology LTC3604 Datasheet HTML 10Page - Linear Technology LTC3604 Datasheet HTML 11Page - Linear Technology LTC3604 Datasheet HTML 12Page - Linear Technology LTC3604 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3621/LTC3621-2
9
3621f
For more information www.linear.com/LTC3621
applicaTions inForMaTion
loop is stable. Loop stability can be checked by viewing
the load transient response. The output ripple,
∆VOUT, is
determined by:
VOUT < IL
1
8 • f •COUT
+ESR
∆
∆
The output ripple is highest at maximum input voltage
since
∆IL increases with input voltage. Multiple capaci-
tors placed in parallel may be needed to meet the ESR
and RMS current handling requirements. Dry tantalum,
special polymer, aluminum electrolytic, and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors are very low ESR but have
lower capacitance density than other types. Tantalum
capacitors have the highest capacitance density but it is
important to only use types that have been surge tested
foruseinswitchingpowersupplies.Aluminumelectrolytic
capacitors have significantly higher ESR, but can be used
in cost-sensitive applications provided that consideration
is given to ripple current ratings and long-term reliability.
Ceramic capacitors have excellent low ESR characteristics
and small footprints.
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. However, care must
be taken when these capacitors are used at the input and
output. When a ceramic capacitor is used at the input
and the power is supplied by a wall adapter through long
wires, a load step at the output can induce ringing at the
VIN input. At best, this ringing can couple to the output and
be mistaken as loop instability. At worst, a sudden inrush
of current through the long wires can potentially cause
a voltage spike at VIN large enough to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R and X7R dielectric formulations. These
dielectrics have the best temperature and voltage char-
acteristics of all the ceramics for a given value and size.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement.Duringaloadstep,theoutputcapacitormust
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough
to support the load. Typically, five cycles are required to
respond to a load step, but only in the first cycle does the
output voltage drop linearly. The output droop, VDROOP, is
usually about three times the linear drop of the first cycle.
Thus, a good place to start with the output capacitor value
is approximately:
COUT =3
∆IOUT
f • VDROOP
More capacitance may be required depending on the duty
cycle and load-step requirements. In most applications,
the input capacitor is merely required to supply high
frequency bypassing, since the impedance to the supply
is very low. A 10μF ceramic capacitor is usually enough
for these conditions. Place this input capacitor as close
to the IN pin as possible.
Output Power Good
In the MS8E package, when the LTC3621’s output voltage
is within the ±7.5% window of the regulation point, the
output voltage is good and the PGOOD pin is pulled high
withanexternalresistor.Otherwise,aninternalopen-drain
pull-down device (275Ω) will pull the PGOOD pin low.
To prevent unwanted PGOOD glitches during transients
or dynamic VOUT changes, the LTC3621’s PGOOD fall-
ing edge includes a blanking delay of approximately 32
switching cycles.
Inductor Selection
Given the desired input and output voltages, the inductor
valueandoperatingfrequencydeterminetheripplecurrent:
I
∆ L =
VOUT
f •L
1–
VOUT
VIN(MAX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com