Electronic Components Datasheet Search
  English  ▼

X  

LTC3604 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3604
Description  17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604 Datasheet(HTML) 3 Page - Linear Technology

  LTC3604 Datasheet HTML 1Page - Linear Technology LTC3604 Datasheet HTML 2Page - Linear Technology LTC3604 Datasheet HTML 3Page - Linear Technology LTC3604 Datasheet HTML 4Page - Linear Technology LTC3604 Datasheet HTML 5Page - Linear Technology LTC3604 Datasheet HTML 6Page - Linear Technology LTC3604 Datasheet HTML 7Page - Linear Technology LTC3604 Datasheet HTML 8Page - Linear Technology LTC3604 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3621/LTC3621-2
3
3621f
For more information www.linear.com/LTC3621
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, unless otherwise noted. (Notes 3, 6)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Transient absolute maximum voltages should not be applied for
more than 4% of the switching duty cycle.
Note 3: The LTC3621 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3621E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3621I is guaranteed over the –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 4: The quiescent current in forced continuous mode does not include
switching loss of the power FETs.
Note 5: The LTC3621 is tested in a proprietary test mode that connects VFB
to the output of error amplifier.
Note 6: TJ is calculated from the ambient, TA, and power dissipation, PD,
according to the following formula:
TJ = TA + (PD • θJA)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Regulated Feedback Voltage
l
0.594
0.591
0.6
0.6
0.606
0.609
V
V
IFB
FB Input Current
10
nA
ΔVLINE(REG)
Reference Voltage Line Regulation
VIN = 2.7V to 17V (Note 5)
0.01
0.015
%/V
ΔVLOAD(REG) Output Voltage Load Regulation
(Note 5)
0.1
%
ILSW
NMOS Switch Leakage
PMOS Switch Leakage
0.1
0.1
1
1
µA
µA
RDS(ON)
NMOS On-Resistance
PMOS On-Resistance
VIN = 5V
0.15
0.37
Ω
Ω
DMAX
Maximum Duty Cycle
VFB = 0.5V, VMODE = 1.5V
l
100
%
tON(MIN)
Minimum On-Time
VFB = 0.7V, VMODE = 1.5V
60
ns
VRUN
RUN Input High Threshold
RUN Input Low Threshold
0.3
1.0
V
V
IRUN
RUN Input Current
VRUN = 12V
0
20
nA
VMODE
Pulse-Skipping Mode
Burst Mode Operation
Forced Continuous Mode
VINTVCC – 0.4
1.0
0.3
VINTVCC – 1.0
V
V
V
IMODE
MODE Input Current
VMODE = 3.6V
0
10
nA
tSS
Internal Soft-Start Time
0.5
ms
ILIM
Peak Current Limit
l
1.44
1.30
1.60
1.76
1.80
A
A
VUVLO
VINTVCC Undervoltage Lockout
VIN Ramping Up
2.4
2.6
2.7
V
VUVLO(HYS)
VINTVCC Undervoltage Lockout Hysteresis
250
mV
VOVLO
VIN Overvoltage Lockout Rising
l
18
19
20
V
VOVLO(HYS)
VIN Overvoltage Lockout Hysteresis
300
mV
fOSC
Oscillator Frequency
2.25MHz Parts
1MHz Parts
2.25MHz Parts
1MHz Parts
l
l
2.05
0.92
1.8
0.82
2.25
1.00
2.45
1.08
2.6
1.16
MHz
MHz
MHz
MHz
VINTVCC
VINTVCC LDO Output Voltage
VIN > 4V
3.3
3.6
3.9
V
ΔVPGOOD
Power Good Range
±7.5
±11
%
RPGOOD
Power Good Resistance
PGOOD RDS(ON) at 500µA
275
350
Ω
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
0
32
Cycles
Cycles
IPGOOD
PGOOD Leakage Current
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com