Electronic Components Datasheet Search
  English  ▼

X  

LT3626 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3626
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3626 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3626 Datasheet HTML 15Page - Linear Technology LT3626 Datasheet HTML 16Page - Linear Technology LT3626 Datasheet HTML 17Page - Linear Technology LT3626 Datasheet HTML 18Page - Linear Technology LT3626 Datasheet HTML 19Page - Linear Technology LT3626 Datasheet HTML 20Page - Linear Technology LT3626 Datasheet HTML 21Page - Linear Technology LT3626 Datasheet HTML 22Page - Linear Technology LT3626 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTC3633A-2/LTC3633A-3
19
3633a23f
APPLICATIONS INFORMATION
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, three main sources usually account for most of the
losses in LTC3633A-2 circuits: 1) I2R losses, 2) switching
losses and quiescent power loss 3) transition losses and
other losses.
1. I2R losses are calculated from the DC resistances of the
internal switches, RSW, and external inductor, RL. In con-
tinuous mode, the average output current flows through
inductor L but is “chopped” between the internal top and
bottompowerMOSFETs.Thus,theseriesresistancelook-
ing into the SW pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
2. The internal LDO draws power from the SVIN input to
regulate the INTVCC rail. The total power loss here is
the sum of the switching losses and quiescent current
losses from the control circuitry.
Each time a power MOSFET gate is switched from low
to high to low again, a packet of charge dQ moves from
VIN to ground. The resulting dQ/dt is a current out of
INTVCC that is typically much larger than the DC control
bias current. In continuous mode, IGATECHG = f(QT + QB),
where QT and QB are the gate charges of the internal
top and bottom power MOSFETs and f is the switching
frequency. For estimation purposes, (QT + QB) on each
LTC3633A-2 regulator channel is approximately 2.3nC.
To calculate the total power loss from the LDO load,
simply add the gate charge current and quiescent cur-
rent and multiply by the voltage applied to SVIN:
PLDO = (IGATECHG + IQ) • SVIN
3. Other “hidden” losses such as transition loss, cop-
per trace resistances, and internal load currents can
account for additional efficiency degradations in the
overall power system. Transition loss arises from the
brief amount of time the top power MOSFET spends
in the saturated region during switch node transitions.
The LTC3633A-2 internal power devices switch quickly
enough that these losses are not significant compared
to other sources.
Other losses, including diode conduction losses during
dead-time and inductor core losses, generally account
for less than 2% total additional loss.
Thermal Considerations
The LTC3633A-2 requires the exposed package backplane
metal (PGND) to be well soldered to the PC board to
provide good thermal contact. This gives the QFN and
TSSOP packages exceptional thermal properties, which
are necessary to prevent excessive self-heating of the part
in normal operation.
In a majority of applications, the LTC3633A-2 does not
dissipate much heat due to its high efficiency and low
thermal resistance of its exposed-back QFN package.
However, in applications where the LTC3633A-2 is running
at high ambient temperature, high input supply voltage,
high switching frequency, and maximum output current
load, the heat dissipated may exceed the maximum junc-
tion temperature of the part. If the junction temperature
reaches approximately 150°C, both power switches will
be turned off until temperature returns to 140°C.
To prevent the LTC3633A-2 from exceeding the maximum
junction temperature of 125°C, the user will need to do
some thermal analysis. The goal of the thermal analysis
is to determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TRISE = PD • θJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com