Electronic Components Datasheet Search
  English  ▼

X  

LT3626 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3626
Description  Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3626 Datasheet(HTML) 4 Page - Linear Technology

  LT3626 Datasheet HTML 1Page - Linear Technology LT3626 Datasheet HTML 2Page - Linear Technology LT3626 Datasheet HTML 3Page - Linear Technology LT3626 Datasheet HTML 4Page - Linear Technology LT3626 Datasheet HTML 5Page - Linear Technology LT3626 Datasheet HTML 6Page - Linear Technology LT3626 Datasheet HTML 7Page - Linear Technology LT3626 Datasheet HTML 8Page - Linear Technology LT3626 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3633A-2/LTC3633A-3
4
3633a23f
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). PVIN1 = PVIN2 = SVIN = 12V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3633A-2/LTC3633A-3 is tested under pulsed load
conditions such that TJ ≈ TA. The LTC3633AE-2/ LTC3633AE-3 is
guaranteed to meet specifications from 0°C to 85°C junction temperature.
Specifications over the –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LTC3633AI-2/ LTC3633AI-3 is guaranteed
over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPHMODE
PHMODE Threshold Voltage
PHMODE VIH
PHMODE VIL
1
0.3
V
V
VMODE/SYNC
MODE/SYNC Threshold Voltage
MODE VIH
MODE VIL
1
0.4
V
V
SYNC Threshold Voltage
SYNC VIH
0.95
V
IMODE
MODE/SYNC Input Current
MODE = 0V
MODE = INTVCC
1.5
–1.5
μA
μA
(TJ, in °C) is calculated from the ambient temperature (TA, in °C) and
power dissipation (PD, in Watts) according to the formula:
TJ = TA + (PD • θJA), where θJA (in °C/W) is the package thermal
impedance.
Note 3: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 4: Output voltages outside the specified range are not optimized for
controlled on-time operation. Refer to the Applications Information section
for further discussions related to the output voltage range.
Note 5: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com