Electronic Components Datasheet Search
  English  ▼

X  

ASMB-584 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-584
Description  LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-584 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-584 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-584 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server-grade IPCs
Features
ƒ Supports LGA 1150 Intel® Xeon® E3 V3 processors
ƒ Two PCIe x16 slots (x8 link), one PCIe x4 and one PCI slots
ƒ DDR3 1600 MHz ECC UDIMM up to 32GB
ƒ Rackmount optimized placement with positive air flow design
ƒ Support iAMT 9.0 or IPMI (optional) and Embedded sofeware APIs and
utilities
LGA 1150 Intel® Xeon® E3 V3 Micro ATX Server
Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4,
1 PCI, USB 3.0, PCIe Gen III, Dual LANs
Specifications
Form Factor
ATX form factor
Processor System
CPU
Xeon
E3 V3
Cores
TBD
Speed
TBD
L3 Cache
TBD
Socket
LGA 1150
Chipset
Intel C226 chipset
BIOS
AMI 128 Mbit SPI (UEFI)
Memory
Technology
Dual Channel DDR3 ECC/Non-ECC 1066/1333/1600 MHz
Max. Capacity
32 GB
Socket
4 x 240-pin DIMM
Memory size
1 GB, 2 GB, 4 GB, 8 GB
Expansion Slots
PCI 32-bit/33 MHz
1 slots
PCIe x 4 (Gen2) 2.0 GB/s
1 slots
PCIe x16 (Gen3) 8 GB/s
2 slots (x16 slot with x8 link)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
IDE controller
-
SATA controller
Intel C226: 6 SATA3 6 Gb/s ports with Intel Matrix Storage support (for Windows only)
SAS controller
-
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel Clarkville; GbE LAN2: Intel Springville
Connector
RJ-45 x 2
Internal Connectors
Printer Port connector
1
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector
USB connector
2 USB 3.0; 7 USB 2.0 (1 x USB Type-A)
Fan header
5 x 4pin
SMBus
2
Chassis intruder
1
Front LAN LED
1
Serial port header
2 (RS-232)
Audio Connector
1 (ALC 892)
PS/2 KB/Mouse
1
Rear I/O Connectors
External serial port
-
External USB port
4 (2 USB 3.0 and 2 USB 2.0)
VGA port
1
DVI
1
Display Port
2
RJ-45
2
PS/2 KB/mouse
-
Audio
2 (Mic-in, Line-out)
Infiniband
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
3.3 V
5 V
12 V
V12_8P
5 Vsb
-12 V
Environment
Operating
Non-operating
Temperature
0 ~ 60° C (32 ~ 140° F)
Depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Humidity
0% ~ 90%
5% ~ 95% (Non-condensing)
Physical Characteristics
Dimensions
244 x 244 mm (9.6" x 9.6")
ASMB-584
Watchdog
H/W Monitor
SMBus
Monitoring
Utilities:
Software APIs:
RoHS
COMPLIANT
2002/95/EC
Preliminary
All product specifications are subject to change without notice
Last updated : 24-Jan-2013


Similar Part No. - ASMB-584

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-584 ADVANTECH-ASMB-584 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
ASMB-584G2-00A2E ADVANTECH-ASMB-584G2-00A2E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-584G2-00A2E* ADVANTECH-ASMB-584G2-00A2E* Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results

Similar Description - ASMB-584

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-782 ADVANTECH-ASMB-782 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link), 2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
SYS-4U4340-4S01 ADVANTECH-SYS-4U4340-4S01_14 Datasheet
1Mb / 2P
4U LGA 1150 Intel짰 Xeon짰 E3 V3 Server with Gen 3.0 PCIe, Front USB3.0
ASMB-584G2-00A1E ADVANTECH-ASMB-584G2-00A1E Datasheet
789Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-782G2-00A1E ADVANTECH-ASMB-782G2-00A1E Datasheet
1Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 V2 ATX Server Board with 2 PCIe x16 slots (x8 link),2 PCIe x4, USB 3.0, PCIe Gen III, Quad LANs
ASMB-784G2-00A1E ADVANTECH-ASMB-784G2-00A1E Datasheet
968Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
ASMB-784 ADVANTECH-ASMB-784_V01 Datasheet
721Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??ATX Server Board with 2 PCIe x16 slots (x8 link), 3 PCI, USB 3.0, Quad/Dual LANs
13-Sep-2017
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-584 ADVANTECH-ASMB-584_V01 Datasheet
710Kb / 2P
LGA 1150 Intel짰 Xeon짰 E3 v3/ 4th Generation Core??Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, Dual LANs
13-Sep-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com