Electronic Components Datasheet Search
  English  ▼

X  

ASMB-584 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-584
Description  LGA 1150 Intel짰 Xeon짰 E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-584 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-584 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-584 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-584
Ordering Information
Part Number
Chipset
Memory
LAN
USB 3.0
ASMB-584G2-00A1E
C226
DDR3 ECC UNB/
Non-ECC
2
4
Packing List
Part Number
Description
Quantity
2066S58400
Driver CD
x 1
2006S58410
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
TBD
I/O shield
x 1
Optional Accessories
Part Number
Description
1700002204
Dual port USB 2.0 cable (27 cm) with bracket
1700008461
Four port USB 2.0 cable (30.5 cm) with bracket
1960047669N001
LGA1155/1156 CPU cooler for 4U and wallmount chassis
1960047831N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1960052651N001
LGA1155/1156 CPU cooler for 2U and wallmount chassis
1700008809
Printer port cable kit (25 cm)
1700020294-01
Printer port cable kit (42 cm)
1701090401
COM port cable with bracket
1700020277
Dual port USB 3.0 cable with bracket
AIMB-AUDIO-HDA1E
HD Audio-Card
Bracket View
Intel LGA 1150
Haswell WS
Processors
Channel A
Intel C226 PCH
600MB/s
USB 2.0
HD Audio
(ECC) DDR3 1066/1333/1600
(ECC) DDR3 1066/1333/1600
Channel B
USB 3.0
(ECC) DDR3 1066/1333/1600
(ECC) DDR3 1066/1333/1600
One PCIe x16 slot
One PCIe x16 slot
Level Shifter
DVI
PCIe x4
RGB
PCIe x 1
Gen 1.0
PCIe Gen 3.0 x8
PCIe Gen3.0 x8
Display Port
Display Port
One PCIe x 4 slot
4 USB 3.0
USB 2.0
PCIe x 1
Gen 2.0
ITE 8892F
PCIe x 1
Gen 1.0
G-LAN1:
Intel Clarkville
(PHY)
BMC
Connector
(Optional for IPMI)
PCIe x 1
Gen 2.0
G-LAN2:
Intel Springville
1 PCI slots
Winbond 83782D
LPC Connector
VGA D-Sub
6 SATA Ports with
RAID 0,1,5,10
Audio Codec
Realtek ALC892
(Optional)
128 Mbit
BIOS Flash
Nuvoton
NCT6776
9 USB 2.0
DP
DP
DP
NC-SI
SM BUS
2 RS 232
1 LPT
8 bit GPIO
PS/2 KB, MS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com