Electronic Components Datasheet Search
  English  ▼

X  

MIC4414 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4414
Description  1.5A, 4.5V to 18V Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4414 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4414 Datasheet HTML 1Page - Micrel Semiconductor MIC4414 Datasheet HTML 2Page - Micrel Semiconductor MIC4414 Datasheet HTML 3Page - Micrel Semiconductor MIC4414 Datasheet HTML 4Page - Micrel Semiconductor MIC4414 Datasheet HTML 5Page - Micrel Semiconductor MIC4414 Datasheet HTML 6Page - Micrel Semiconductor MIC4414 Datasheet HTML 7Page - Micrel Semiconductor MIC4414 Datasheet HTML 8Page - Micrel Semiconductor MIC4414 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC4414/MIC4415
August 2012
2
M9999-080112-A
Ordering Information
Part Number
Marking
Configuration
Package
Junction
Temperature
Range
Lead Finish
MIC4414YFT
D9
Non-Inverting
4-pin 1.2mm x 1.2mm Thin QFN
-40°C to +125°C
Pb-Free
MIC4415YFT
D8
Inverting
4-pin 1.2mm x 1.2mm Thin QFN
-40°C to +125°C
Pb-Free
Note:
1.Thin QFN pin 1 identifier = “▲”
Pin Configuration
1.2mm x 1.2mm Thin QFN
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT
Gate Output: Connection to gate of external MOSFET.
2
GND
Ground.
3
IN
Control Input:
MIC4414: Logic high drives the gate output above the supply voltage. Logic low forces the gate output
near ground. Do not leave floating.
MIC4415: Logic low drives the gate output above the supply voltage. Logic high forces the gate output
near ground. Do not leave floating.
4
VDD
Supply Voltage: +4.5V to +18V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com