Electronic Components Datasheet Search
  English  ▼

X  

MIC4414 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4414
Description  1.5A, 4.5V to 18V Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4414 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4414 Datasheet HTML 1Page - Micrel Semiconductor MIC4414 Datasheet HTML 2Page - Micrel Semiconductor MIC4414 Datasheet HTML 3Page - Micrel Semiconductor MIC4414 Datasheet HTML 4Page - Micrel Semiconductor MIC4414 Datasheet HTML 5Page - Micrel Semiconductor MIC4414 Datasheet HTML 6Page - Micrel Semiconductor MIC4414 Datasheet HTML 7Page - Micrel Semiconductor MIC4414 Datasheet HTML 8Page - Micrel Semiconductor MIC4414 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MIC4414/MIC4415
August 2012
3
M9999-080112-A
Absolute Maximum Ratings(1)
VDD to GND.................................................................+20V
IN to GND....................................................... –20V to +20V
OUT to GND.................................................................+20V
Junction Temperature (TJ) ........................–55°C to +150°C
Storage Temperature (Ts).........................–55°C to +165°C
ESD Rating
(2)................................................. ESD Sensitive
Operating Ratings(3)
VDD to GND.................................................. +4.5V to +18V
IN to GND........................................................... 0V to VDD
Junction Temperature (TJ) ...................... .40C to +125C
Thermal Resistance
1.2mm x 1.2mm Thin QFN (
JC)........................60°C/W
1.2mm x 1.2mm Thin QFN (
JA) ......................140°C/W
Electrical Characteristics(4)
4.5V
 VDD  18V, CL = 1000pF; TA = 25°C, Bold values indicate 40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
MIC4414: IN = 0V, VDD = 18V
MIC4415: IN = 5V, VDD = 18V
77
200
Supply Current
MIC4414: IN = 5V, VDD = 18V
MIC4415: IN = 0V, VDD = 18V
445
1500
µA
IN = Logic Low
0.8
V
IN Voltage
IN = Logic High
3
V
IN Current
0V
 VIN  VDD
-10
+10
µA
VDD = 5V, CL = 1000pF
30
Output Rise Time
VDD = 18V, CL = 1000pF
12
ns
VDD = 5V, CL = 1000pF
33
Output Fall Time
VDD = 18V, CL = 1000pF
12
ns
VDD = 5V, CL = 1000pF
52
Delay Time, IN Rising
VDD = 18V, CL = 1000pF
29
ns
VDD = 5V, CL = 1000pF
58
Delay Time, IN Falling
VDD = 18V, CL = 1000pF
30
ns
OUT = High
-25
Output Offset Voltage
OUT = Low
25
mV
Source
9
VDD = 5V, IOUT = 10mA
Sink
9
Source
3.5
10
Output Resistance
VDD = 18V, IOUT = 10mA
Sink
3.5
10
Ω
Output Reverse Current
250
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5kΩ in series with 100pF.
3. The device is not guaranteed to function outside operating range.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com