Electronic Components Datasheet Search
  English  ▼

X  

LTP5903 Datasheet(PDF) 10 Page - Linear Technology

Part # LTP5903
Description  2.4 GHz 802.15.4 Embedded Network Manager
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5903 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTP5903 Datasheet HTML 6Page - Linear Technology LTP5903 Datasheet HTML 7Page - Linear Technology LTP5903 Datasheet HTML 8Page - Linear Technology LTP5903 Datasheet HTML 9Page - Linear Technology LTP5903 Datasheet HTML 10Page - Linear Technology LTP5903 Datasheet HTML 11Page - Linear Technology LTP5903 Datasheet HTML 12Page - Linear Technology LTP5903 Datasheet HTML 13Page - Linear Technology LTP5903 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
- AD VA NCE D IN F O RMA T IO N -
10
Dust Networks
LTP5903-WHR Datasheet
The following factory default settings are restored:
IP address
PPP settings
Serial port settings
User name and password
Wireless network and mote configuration settings
Wireless network ID and common join key
Access control list (cleared)
Log files (cleared)
Mote list (cleared)
The Restore Switch signal input to the LTP5903-WHR includes a debounce circuit to support direct connection to a
mechanical push button, as illustrated in Figure 1.
Figure 1
Restore Switch Debounce Input Stage
The Restore Switch signal controls the restore function. The Restore Switch signal is only active for the first three seconds
after nRESET_IN is released. Usage of the Restore Switch signal is optional. If unused, the Restore Switch signal may be left
unconnected, since it is internally pulled inactive high.
tRST to RESTORE
Restore Switch
nRESET_IN
Figure 2
Restore Switch Signal Timing Diagram
Table 19 Restore Signal Timing Values
Parameter
Min
Typ
Max
Units
Comments
tRST to RESTORE
1
20
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com