Electronic Components Datasheet Search
  English  ▼

X  

LTM8001 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM8001
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8001 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM8001 Datasheet HTML 14Page - Linear Technology LTM8001 Datasheet HTML 15Page - Linear Technology LTM8001 Datasheet HTML 16Page - Linear Technology LTM8001 Datasheet HTML 17Page - Linear Technology LTM8001 Datasheet HTML 18Page - Linear Technology LTM8001 Datasheet HTML 19Page - Linear Technology LTM8001 Datasheet HTML 20Page - Linear Technology LTM8001 Datasheet HTML 21Page - Linear Technology LTM8001 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM8001
18
8001f
For more information www.linear.com/8001
inductor value is 2.2uH. If the LTM8001 negative current
limit is set to 5A, for example, the energy that the input
capacitance must absorb is 1/2 LI2 = 27.5μJ. Suppose
the comparator circuit in Figure 5d is set to pull the RUN
pin down when VTRIP = 15V. The input voltage will rise
according to the capacitor energy equation:
1
2
C VIN2 – VTRIP2
(
)=27.5µJ
If the total input capacitance is 10μF, the input voltage
will rise to:
27.5µJ
=
1
2
10µF VIN
2 –15V2
(
)
VIN = 15.2V
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8001. The LTM8001 is neverthe-
less a switching power supply, and care must be taken to
minimize EMI and ensure proper operation. Even with the
high level of integration, you may fail to achieve specified
operation with a haphazard or poor layout. See Figure 6
for a suggested layout. Ensure that the grounding and heat
sinking are acceptable. A few rules to keep in mind are:
1. Place the RSETx, RFB0 and RT resistors as close as pos-
sible to their respective pins.
2. Place the CIN0 capacitor as close as possible to the VIN0
and GND connection of the LTM8001.
3. Place the ceramic COUT0 capacitor as close as possible
to the VOUT0 and GND connection of the LTM8001. The
electrolytic COUT0 capacitor may be farther from the
LTM8001. Place the remaining COUTx output capacitors
as close as possible to the VOUTx pins.
4. Place the CIN0 and COUT0 capacitors such that their
ground currents flow directly adjacent or underneath
the LTM8001.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8001.
6. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figure 6. The LTM8001 can benefit from
the heat sinking afforded by vias that connect to internal
GND planes at these locations, due to their proximity
to internal power handling components. The optimum
number of thermal vias depends upon the printed
circuit board design. For example, a board might use
very small via holes. It should employ more thermal
vias than a board that uses larger holes.
APPLICATIONS INFORMATION
Figure 6. Layout Showing Suggested External Components,
GND Plane and Thermal Vias
Hot Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8001. However, these capacitors
can cause problems if the LTM8001 is plugged into a live
input supply (see Application Note 88 for a complete dis-
cussion). The low loss ceramic capacitor combined with
stray inductance in series with the power source forms an
underdamped tank circuit, and the voltage at the VIN0 pin
of the LTM8001 can ring to more than twice the nominal
input voltage, possibly exceeding the LTM8001’s rating
VOUT1
VIN0
VREF
SYNC RT
COMP
FBO
SS RUN
ILIM
VOUT2
VOUT3
VOUT4
VOUT5
VIN45
VOUT0
COUT0
COUT5
GND
8001 F06
GND
CIN0
THERMAL VIAS
SET5
SET4
SET3 SET2
SET1
BIAS45
BIAS123
COUT1
COUT2
COUT3
COUT4
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com