Electronic Components Datasheet Search
  English  ▼

X  

LTM8001 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8001
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8001 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8001 Datasheet HTML 2Page - Linear Technology LTM8001 Datasheet HTML 3Page - Linear Technology LTM8001 Datasheet HTML 4Page - Linear Technology LTM8001 Datasheet HTML 5Page - Linear Technology LTM8001 Datasheet HTML 6Page - Linear Technology LTM8001 Datasheet HTML 7Page - Linear Technology LTM8001 Datasheet HTML 8Page - Linear Technology LTM8001 Datasheet HTML 9Page - Linear Technology LTM8001 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8001
6
8001f
For more information www.linear.com/8001
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
VOUT0 = 18V
Input Current vs Output Current,
VOUT0 = 24V
Minimum VIN0 vs Output Current,
VOUT0 = 3.3V and Below
Minimum VIN0 vs Output Current,
VOUT0 = 5V
Minimum VIN0 vs Output Current,
VOUT0 = 8V
Minimum VIN0 vs Output Current,
VOUT0 = 12V
(TA = 25°C unless otherwise noted. Configured per Table 1, where applicable.)
Minimum VIN0 vs Output Current,
VOUT0 = 18V
Minimum VIN0 vs Output Current,
VOUT0 = 24V
Output Voltage vs Output Current,
VOUT0 = 2.5V
VOUT0 CURRENT (A)
0
1.5
2.0
2.5
3
5
8001 G13
1.0
0.5
0
1
2
4
3.0
3.5
4.0
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
3.0
4.0
5.0
4
8001 G14
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
1
2
3
5
VINO = 28V
VINO = 36V
VOUT0 CURRENT (A)
0
6
7
4
8001 G1
5
1
2
3
5
4
VOUT0 CURRENT (A)
0
6.75
6.80
4
8001 G16
6.70
1
2
3
5
6.65
VOUT0 CURRENT (A)
0
9.80
9.85
4
8001 G17
9.75
1
2
3
5
9.70
VOUT0 CURRENT (A)
0
13.85
13.90
13.95
4
8001 G18
13.80
13.75
1
2
3
5
13.70
13.65
VOUT0 CURRENT (A)
0
19.69
19.70
19.71
4
8001 G19
19.68
19.67
1
2
3
5
19.66
19.65
19.64
VOUT0 CURRENT (A)
0
25.70
26.00
26.05
26.10
2
4
8001 G20
25.60
25.90
25.80
25.65
25.95
25.55
25.85
25.75
1
3
5
LOAD CURRENT (A)
–10
2.0
2.5
3.5
5
8001 G21
1.5
1.0
–5
0
10
0.5
0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com