Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8061
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology LTM8061 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM8045
7
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Required Input Voltage
vs Output Current
Maximum Output Current
vs Input Voltage
Internal Temperature Rise vs Output
Current, 2.5VOUT SEPIC
Internal Temperature Rise vs Output
Current, 3.3VOUT SEPIC
Internal Temperature Rise vs Output
Current, 5VOUT SEPIC
Internal Temperature Rise vs Output
Current, 8VOUT SEPIC
Internal Temperature Rise vs Output
Current, 12VOUT SEPIC
Internal Temperature Rise vs Output
Current, 15VOUT SEPIC
Internal Temperature Rise
vs Output Current, –2.5VOUT
Inverting Converter
OUTPUT CURRENT (mA)
2
16
14
18
6
4
8
12
10
8045 G28
0
200
400
600
800
±15VOUT
±12VOUT
±8VOUT
±5VOUT
±3.3VOUT
±2.5VOUT
INPUT VOLTAGE (V)
100
700
600
800
200
300
500
400
8045 G29
2
8
10
4
6
12
14
16
18
±2.5VOUT
±3.3VOUT
±5VOUT
±8VOUT
±12VOUT
±15VOUT
OUTPUT CURRENT (mA)
0
20
10
15
30
25
5
8045 G30
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
35
30
25
5
8045 G31
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
35
30
25
5
8045 G32
0
300 400
100 200
500 600 700
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
45
40
35
30
25
5
8045 G34
0
300
400
100
200
500
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
60
50
40
30
8045 G35
0
300
400
100
200
500
18VIN
12VIN
5VIN
OUTPUT CURRENT (mA)
0
20
25
15
10
5
8045 G36
0
300 400
100 200
500 600 700 800
18VIN
12VIN
5VIN
3.3VIN
OUTPUT CURRENT (mA)
0
20
10
15
40
35
30
25
5
8045 G33
0
300
400
100
200
600
500
18VIN
12VIN
5VIN
3.3VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com