Electronic Components Datasheet Search
  English  ▼

X  

LTM8061 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8061
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 4 Page - Linear Technology

  LTM8061 Datasheet HTML 1Page - Linear Technology LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTM8045
4
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency
8VOUT SEPIC
Efficiency
12VOUT SEPIC
Efficiency
15VOUT SEPIC
Efficiency
–2.5VOUT Inverting Converter
Efficiency
–3.3VOUT Inverting Converter
Efficiency
–5VOUT Inverting Converter
Efficiency
2.5VOUT SEPIC
Efficiency
3.3VOUT SEPIC
Efficiency
5VOUT SEPIC
OUTPUT CURRENT (mA)
0
50
70
30
40
80
60
20
10
8045 G01
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G02
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G03
0
300 400
100 200
500 600 700
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G04
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G05
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G06
0
300
400
100
200
500
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
80
60
20
10
8045 G07
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G08
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
50
70
30
40
90
80
60
20
10
8045 G09
0
300 400
100 200
500 600 700
3.3VIN
5VIN
12VIN
18VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com