Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3834
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3834 Datasheet HTML 10Page - Linear Technology LTC3834 Datasheet HTML 11Page - Linear Technology LTC3834 Datasheet HTML 12Page - Linear Technology LTC3834 Datasheet HTML 13Page - Linear Technology LTC3834 Datasheet HTML 14Page - Linear Technology LTC3834 Datasheet HTML 15Page - Linear Technology LTC3834 Datasheet HTML 16Page - Linear Technology LTC3834 Datasheet HTML 17Page - Linear Technology LTC3834 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC3890-2
14
38902f
OPERATION (Refer to the Functional Diagram)
A phase-locked loop (PLL) is available on the LTC3890-2
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/MODE pin. The
LTC3890-2’s phase detector adjusts the voltage (through
an internal lowpass filter) of the VCO input to align the
turn-on of controller 1’s external top MOSFET to the ris-
ing edge of the synchronizing signal. Thus, the turn-on
of controller 2’s external top MOSFET is 180 degrees out
of phase to the rising edge of the external clock source.
The VCO input voltage is prebiased to the operating fre-
quency set by the FREQ pin before the external clock is
applied. If prebiased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock’s to the rising edge of TG1. The ability to
prebias the loop filter allows the PLL to lock-in rapidly
without deviating far from the desired frequency.
The typical capture range of the phase-locked loop is from
approximately 55kHz to 1MHz, with a guarantee to be
between 75kHz and 850kHz. In other words, the LTC3890-
2’s PLL is guaranteed to lock to an external clock source
whose frequency is between 75kHz and 850kHz.
The typical input clock thresholds on the PLLIN/MODE
pin are 1.6V (rising) and 1.1V (falling).
When synchronized to an external clock using the PLLIN/
MODE pin, the LTC3890-2 operates in pulse-skipping
mode at light loads.
PolyPhase Applications (CLKOUT and PHASMD Pins)
The LTC3890-2 features two pins (CLKOUT and PHASMD)
that allow other controller ICs to be daisy-chained with the
LTC3890-2 in PolyPhase applications. The clock output
signal on the CLKOUT pin can be used to synchronize
additional power stages in a multiphase power supply
solution feeding a single, high current output or multiple
separate outputs. The PHASMD pin is used to adjust the
phase of the CLKOUT signal as well as the relative phases
between the two internal controllers, as summarized in
Table 1. The phases are calculated relative to the zero
degrees phase being defined as the rising edge of the top
gate driver output of controller 1 (TG1).
Table 1
VPHASMD
CONTROLLER 2 PHASE
CLKOUT PHASE
GND
180°
60°
Floating
180°
90°
INTVCC
240°
120°
Power Good (PGOOD1 and PGOOD2) Pins
Each PGOOD pin is connected to an open drain of an internal
N-channel MOSFET. The MOSFET turns on and pulls the
PGOOD pin low when the corresponding VFB pin voltage is
not within ±10% of the 0.8V reference voltage. The PGOOD
pin is also pulled low when the corresponding RUN pin
is low (shut down). When the VFB pin voltage is within
the ±10% requirement, the MOSFET is turned off and the
pin is allowed to be pulled up by an external resistor to a
source no greater than 6V.
Theory and Benefits of 2-Phase Operation
Why the need for 2-phase operation? Up until the 2-phase
family, constant-frequency dual switching regulators
operated both channels in phase (i.e., single phase
operation). This means that both switches turned on at
the same time, causing current pulses of up to twice the
amplitude of those for one regulator to be drawn from the
input capacitor and battery. These large amplitude current
pulses increased the total RMS current flowing from the
input capacitor, requiring the use of more expensive input
capacitors and increasing both EMI and losses in the input
capacitor and battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com