Electronic Components Datasheet Search
  English  ▼

X  

LTC3834 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3834
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834 Datasheet(HTML) 4 Page - Linear Technology

  LTC3834 Datasheet HTML 1Page - Linear Technology LTC3834 Datasheet HTML 2Page - Linear Technology LTC3834 Datasheet HTML 3Page - Linear Technology LTC3834 Datasheet HTML 4Page - Linear Technology LTC3834 Datasheet HTML 5Page - Linear Technology LTC3834 Datasheet HTML 6Page - Linear Technology LTC3834 Datasheet HTML 7Page - Linear Technology LTC3834 Datasheet HTML 8Page - Linear Technology LTC3834 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC3890-2
4
38902f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.
(Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver
TG1,2 Pull-Up On-Resistance
TG1,2 Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG1,2 Pull-Up On-Resistance
BG1,2 Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG1,2 tr
TG1,2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG1,2 tr
BG1,2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
28
13
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
BG/TG t1D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
30
ns
tON(MIN)
Minimum On-Time
(Note 7)
95
ns
INTVCC Linear Regulator
VINTVCCVIN
Internal VCC Voltage
6V < VIN < 60V, VEXTVCC = 0V
4.85
5.1
5.35
V
VLDOVIN
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.7
1.1
%
VINTVCCEXT
Internal VCC Voltage
6V < VEXTVCC < 13V
4.85
5.1
5.35
V
VLDOEXT
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 8.5V
0.6
1.1
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
4.9
V
VLDOHYS
EXTVCC Hysteresis
250
mV
Oscillator and Phase-Locked Loop
f25kΩ
Programmable Frequency
RFREQ = 25k, PLLIN/MODE = DC Voltage
105
kHz
f65kΩ
Programmable Frequency
RFREQ = 65k, PLLIN/MODE = DC Voltage
375
440
505
kHz
f105kΩ
Programmable Frequency
RFREQ = 105k, PLLIN/MODE = DC Voltage
835
kHz
fLOW
Low Fixed Frequency
VFREQ = 0V, PLLIN/MODE = DC Voltage
320
350
380
kHz
fHIGH
High Fixed Frequency
VFREQ = INTVCC, PLLIN/MODE = DC Voltage
485
535
585
kHz
fSYNC
Synchronizable Frequency
PLLIN/MODE = External Clock
l
75
850
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com