Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6248
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 1 Page - Linear Technology

  LTC6248 Datasheet HTML 1Page - Linear Technology LTC6248 Datasheet HTML 2Page - Linear Technology LTC6248 Datasheet HTML 3Page - Linear Technology LTC6248 Datasheet HTML 4Page - Linear Technology LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT6236/LT6237
1
623637f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Rail-to-Rail Output
215MHz, 1.1nV/√Hz
Op Amp/SAR ADC Driver
The LT®6236/LT6237 are single/dual low noise, rail-to-rail
output op amps that feature 1.1nV/√Hz input referred noise
voltage density and draw only 3.5mA of supply current per
amplifier. These amplifiers combine very low noise and
supply current with a 215MHz gain bandwidth product
and a 70V/μs slew rate. Low noise, fast settling time and
low offset voltage make this amplifier optimal to drive
low noise, high speed SAR ADCs. The LT6236 includes a
shutdown feature that can be used to reduce the supply
current to less than 10μA.
This amplifier family has an output that swings within
50mV of either supply rail to maximize the signal dynamic
range in low supply applications and is specified on 3.3V,
5V and ±5V supplies.
The LT6236/LT6237 are upgrades to the LT6230/LT6231,
offering similar performance with reduced wideband noise
beyond 100kHz.
Differentially Driving a SAR ADC
LT6237 Driving LTC2389-18 fIN = 2kHz,
–1dBFS, 32768-Point FFT
APPLICATIONS
n Low Noise: 1.1nV/√Hz
n Low Supply Current: 3.5mA/Amp Max
n Low Offset Voltage: 350μV Max
n Fast Settling Time: 570ns to 18-Bit, 2VP-P Output
n Low Distortion: THD = –116.8dB at 2kHz
n Wide Supply Range: 3V to 12.6V
n Output Swings Rail-to-Rail
n 215MHz Gain-Bandwidth Product
n Specified Temperature Range: –40°C to 125°C
n LT6236 Shutdown to 10μA Max
n LT6236 in Low Profile (1mm) ThinSOT™ Package
n Dual LT6237 in 3mm × 3mm 8-Lead DFN and 8-Lead
MSOP Packages
n 16-Bit and 18-Bit SAR ADC Drivers
n Active Filters
n Low Noise, Low Power Signal Processing
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
623637 TA01a
IN–
IN–
IN+
IN+
VS
+= 6V
270pF
38.3Ω
38.3Ω
LOWPASS FILTERS
LTC2389-18
270pF
49.9Ω
49.9Ω
18-BIT
2.5Msps
–
+
+
–
1/2 LT6237
1/2 LT6237
VS
–= –2V
FREQUENCY (MHz)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
62367 TA01b
0
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1.2
VOUT = 7.3VP-P
HD2 = –129.5dBc
HD3 = –118.7dBc
SFDR = 117.7dB
THD = –116.8dB
SNR = 99.7dB
SINAD = 98.9dB


Similar Part No. - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6248 LINER-LTC6248 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC6248 LINER-LTC6248 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LTC6248 LINER-LTC6248 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
LTC6248 LINER-LTC6248 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6248

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6230 LINER-LT6230 Datasheet
649Kb / 24P
215MHz, Rail-to-Rail Output, 1.1nV/ root Hz, 3.5mA Op Amp Family
logo
Analog Devices
AD8675 AD-AD8675_07 Datasheet
366Kb / 12P
36 V Precision, 2.8 nV/?숰z Rail-to-Rail Output Op Amp
REV. A
logo
Linear Technology
LT6230 LINER-LT6230_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6230-10 LINER-LT6230-10_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6231 LINER-LT6231_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6232 LINER-LT6232_15 Datasheet
790Kb / 24P
215MHz, Rail-to-Rail Output
LT6236 LINER-LT6236_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6237 LINER-LT6237_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
LT6238 LINER-LT6238_15 Datasheet
1Mb / 26P
Rail-to-Rail Output 215MHz, 1.1nV/Hz Op Amp/SAR ADC Driver
ADA4899-1 LINER-ADA4899-1 Datasheet
250Kb / 4P
Rail-to-Rail SAR ADC Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com