Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6248
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6248 Datasheet HTML 10Page - Linear Technology LTC6248 Datasheet HTML 11Page - Linear Technology LTC6248 Datasheet HTML 12Page - Linear Technology LTC6248 Datasheet HTML 13Page - Linear Technology LTC6248 Datasheet HTML 14Page - Linear Technology LTC6248 Datasheet HTML 15Page - Linear Technology LTC6248 Datasheet HTML 16Page - Linear Technology LTC6248 Datasheet HTML 17Page - Linear Technology LTC6248 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT6236/LT6237
14
623637f
TYPICAL PERFORMANCE CHARACTERISTICS
Open-Loop Gain vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Slew Rate vs Temperature
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
Channel Separation vs Frequency
Power Supply Rejection Ratio
vs Frequency
Series Output Resistance and
Overshoot vs Capacitive Load
Series Output Resistance and
Overshoot vs Capacitive Load
FREQUENCY (Hz)
80
70
50
30
0
–10
60
40
10
20
–20
120
100
60
20
–60
80
40
–20
–40
0
–80
100k
10M
100M
1G
62367 G19
1M
CL = 5pF
RL = 1k
VCM = VS/2
PHASE
GAIN
VS = ±5V
VS = 3V, 0V
VS = ±5V
VS = 3V, 0V
TOTAL SUPPLY VOLTAGE (V)
0
6
62367 G20
24
8
220
240
200
180
140
160
70
60
50
40
10
12
14
PHASE MARGIN
GAIN BANDWIDTH
TA = 25°C
CL = 5pF
RL = 1k
TEMPERATURE (°C)
–55
5
62367 G21
–35 –15
45
90
100
110
120
80
70
50
20
30
60
40
85
25
65
105 125
VS = ±5V FALLING
VS = ±2.5V RISING
AV = –1
RF = RG = 1k
VS = ±5V RISING
VS = ±2.5V FALLING
FREQUENCY (Hz)
1
10
100k
10M
100M
62367 G22
0.01
0.1
1M
1k
100
VS = 5V, 0V
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
20
40
60
80
120
100
10k
100M
100k
1G
10M
62367 G23
0
1M
VS = 5V, 0V
VCM = VS/2
FREQUENCY (Hz)
100k
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1M
10M
100M
62367 G24
AV = 1
TA = 25°C
VS = ±5V
FREQUENCY (Hz)
20
40
60
80
120
100
1k
10k
100M
100k
10M
62367 G25
0
1M
VS = 5V, 0V
TA = 25°C
VCM = VS/2
NEGATIVE SUPPLY
POSITIVE SUPPLY
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
62367 G26
VS = 5V, 0V
AV = 1
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω
CAPACITIVE LOAD (pF)
10
50
45
40
35
30
25
20
15
10
5
0
100
1000
62367 G27
VS = 5V, 0V
AV = 2
RS = 10Ω
RS = 20Ω
RS = 50Ω
RL = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com