Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6231
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6231 Datasheet HTML 4Page - Linear Technology LT6231 Datasheet HTML 5Page - Linear Technology LT6231 Datasheet HTML 6Page - Linear Technology LT6231 Datasheet HTML 7Page - Linear Technology LT6231 Datasheet HTML 8Page - Linear Technology LT6231 Datasheet HTML 9Page - Linear Technology LT6231 Datasheet HTML 10Page - Linear Technology LT6231 Datasheet HTML 11Page - Linear Technology LT6231 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2314-14
8
231414f
For more information www.linear.com/2314-14
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 4.5Msps,
unless otherwise noted.
pin FuncTions
VDD (Pin 1): Power Supply. The ranges of VDD are 2.7V
to 3.6V and 4.75V to 5.25V. Bypass VDD to GND with a
2.2µF ceramic chip capacitor.
REF (Pin 2): Reference Input/Output. The REF pin volt-
age defines the input span of the ADC, 0V to VREF. By
default, REF is an output pin and produces a reference
voltage VREF of either 2.048V or 4.096V depending on
VDD (see Table 2). Bypass to GND with a 2.2µF, low ESR,
high quality ceramic chip capacitor. The REF pin may be
overdriven with a voltage at least 50mV higher than the
internal reference voltage output.
GND (Pin 3): Ground. The GND pin must be tied directly
to a solid ground plane.
AIN (Pin 4): Analog Input. AIN is a single-ended input with
respect to GND with a range from 0V to VREF.
OVDD (Pin 5): I/O Interface Digital Power. The OVDD range
is 1.71V to 5.25V. This supply is nominally set to the
same supply as the host interface (1.8V, 2.5V, 3.3V or
5V). Bypass to GND with a 2.2µF ceramic chip capacitor.
SDO (Pin 6): Serial Data Output. The A/D conversion result
is shifted out on SDO as a serial data stream with the MSB
first through the LSB last. There is 1 cycle of conversion
latency. Logic levels are determined by OVDD.
SCK (Pin 7): Serial Data Clock Input. The SCK serial clock
falling edge advances the conversion process and outputs
a bit of the serialized conversion result, MSB first to LSB
last. SDO data transitions on the falling edge of SCK. A
continuous or burst clock may be used. Logic levels are
determined by OVDD.
CS (Pin 8): Chip Select Input. This active low signal starts
a conversion on the falling edge and frames the serial data
transfer. Bringing CS high places the sample-and-hold
into sample mode and also forces the SDO pin into high
impedance. Logic levels are determined by OVDD.
Output Supply Current (IOVDD)
vs Output Supply Voltage (OVDD)
OUTPUT SUPPLY VOLTAGE (V)
1.7
0
0.5
1.0
2.5
2.0
1.5
2.9
2.3
4.1
3.5
4.7
5.3
231414 G18
5Msps
fSCK = 87.5MHz
3Msps
fSCK = 52.5MHz
Supply Current (IVDD)
vs Supply Voltage (VDD)
SUPPLY VOLTAGE (V)
2.6
4.50
5.25
5.00
4.75
5.50
5.75
6.00
6.50
6.25
2.9
3.8
3.5
3.2
4.1
4.7
4.4
5.3
5.0
231414 G17
5Msps
fSCK = 87.5MHz
3Msps
fSCK = 52.5MHz
OPERATION
NOT ALLOWED
5Msps
3Msps
Typical perForMance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com