Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6231
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 3 Page - Linear Technology

  LT6231 Datasheet HTML 1Page - Linear Technology LT6231 Datasheet HTML 2Page - Linear Technology LT6231 Datasheet HTML 3Page - Linear Technology LT6231 Datasheet HTML 4Page - Linear Technology LT6231 Datasheet HTML 5Page - Linear Technology LT6231 Datasheet HTML 6Page - Linear Technology LT6231 Datasheet HTML 7Page - Linear Technology LT6231 Datasheet HTML 8Page - Linear Technology LT6231 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2314-14
3
231414f
For more information www.linear.com/2314-14
elecTrical characTerisTics
converTer characTerisTics
DynaMic accuracy
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VAIN
Absolute Input Range
l
–0.05
VDD + 0.05
V
VIN
Input Voltage Range
(Note 12)
0
VREF
V
IIN
Analog Input DC Leakage Current
l
–1
1
µA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
13
3
pF
pF
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
14
Bits
No Missing Codes
l
14
Bits
Transition Noise
(Note 7)
0.7
LSBRMS
INL
Integral Linearity Error
VDD = 5V (Notes 5, 6)
VDD = 3V (Notes 5, 6)
l
l
–3.75
–4.25
±1
±1.5
3.75
4.25
LSB
LSB
DNL
Differential Linearity Error
VDD = 5V (Note 6)
VDD = 3V (Note 6)
l
l
–0.99
–0.99
±0.3
±0.4
0.99
0.99
LSB
LSB
Offset Error
VDD = 5V (Note 6)
VDD = 3V (Note 6)
l
l
–9
–22
±2
±4
9
22
LSB
LSB
Full-Scale Error
VDD = 5V (Note 6)
VDD = 3V (Note 6)
l
l
–18
–26
±5
±7
18
26
LSB
LSB
Total Unadjusted Error
VDD = 5V (Note 6)
VDD = 3V (Note 6)
l
l
–22
–30
±6
±8
22
30
LSB
LSB
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 500kHz, VDD = 5V
fIN = 500kHz, VDD = 3V
l
l
72
69
77
72.6
dB
dB
SNR
Signal-to-Noise Ratio
fIN = 500kHz, VDD = 5V
fIN = 500kHz, VDD = 3V
l
l
73
69.5
77.5
73
dB
dB
THD
Total Harmonic Distortion
First 5 Harmonics
fIN = 500kHz, VDD = 5V
fIN = 500kHz, VDD = 3V
l
l
–85
–85
–75
–74
dB
dB
SFDR
Spurious Free Dynamic Range
fIN = 500kHz, VDD = 5V
fIN = 500kHz, VDD = 3V
l
l
–87
–87
–77
–75
dB
dB
IMD
Intermodulation Distortion
2nd Order Terms
3rd Order Terms
fIN1 = 461kHz, fIN2 = 541kHz
AIN1, AIN2 = –7dBFS
–79.4
–90.8
dBc
dBc
Full Power Bandwidth
At 3dB
At 0.1dB
130
20
MHz
MHz
–3dB Input Linear Bandwidth
SINAD ≥ 72dB
5
MHz
tAP
Aperture Delay
1
ns
tJITTER
Aperture Jitter
10
ps
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and AIN = –1dBFS. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com