Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6900
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology LTC6900 Datasheet HTML 10Page - Linear Technology LTC6900 Datasheet HTML 11Page - Linear Technology LTC6900 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6995-1/LTC6995-2
8
699512f
For more information www.linear.com/6995
block DiagraM (S6 package pin numbers shown)
699512 BD
PROGRAMMABLE
DIVIDER
FIXED
DIVIDER
÷ 1024
DIVIDER
RESET
÷1, 8, 64, 512
4096, 215, 218, 221
MASTER OSCILLATOR
POR
OUTPUT
POLARITY
DIGITAL
FILTER
4-BIT A/D
CONVERTER
POL BIT
R1
R2
DIV
V+
OUT
5
4
1
6
HALT OSCILLATOR
OUTPUT
IF ISET < 500nA
MCLK
tMASTER =
1µs
50k
VSET
ISET
=
+
–
ISET
ISET
VSET = 1V
+– 1V
3
22
GND
SET
RST
LTC6995-2
ONLY
RSET
tOUT
pin FuncTions (DCB/S6)
GND (Pin 5/Pin 2): Ground. Tie to a low inductance ground
plane for best performance.
OUT (Pin 6/Pin 6): Oscillator Output. The OUT pin swings
fromGNDtoV+withanoutputresistanceofapproximately
30Ω. When driving an LED or other low impedance load
a series output resistor should be used to limit source/
sink current to 20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com