Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6900
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900 Datasheet(HTML) 3 Page - Linear Technology

  LTC6900 Datasheet HTML 1Page - Linear Technology LTC6900 Datasheet HTML 2Page - Linear Technology LTC6900 Datasheet HTML 3Page - Linear Technology LTC6900 Datasheet HTML 4Page - Linear Technology LTC6900 Datasheet HTML 5Page - Linear Technology LTC6900 Datasheet HTML 6Page - Linear Technology LTC6900 Datasheet HTML 7Page - Linear Technology LTC6900 Datasheet HTML 8Page - Linear Technology LTC6900 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6995-1/LTC6995-2
3
699512f
For more information www.linear.com/6995
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, RST = 0V for LTC6995-1,
RST = V+ for LTC6995-2, DIVCODE = 0 to 15 (NDIV = 1 to 221), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOUT
Output Clock Period
1.024m
34,360
Seconds
fOUT
Output Frequency
29.1µ
977
Hz
∆fOUT
Frequency Accuracy (Note 4)
29.1µHz ≤ fOUT ≤ 977Hz
l
±0.8
±1.5
±2.2
%
%
∆fOUT/∆T
Frequency Drift Over Temperature
l
±0.005
%/°C
∆fOUT/∆V+
Frequency Drift Over Supply
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
0.23
0.06
0.55
0.16
%/V
%/V
Long-Term Frequency Stability
(Note 11)
90
ppm/√kHr
Period Jitter (Note 10)
NDIV = 1
NDIV = 8
15
7
ppmRMS
ppmRMS
BW
Frequency Modulation Bandwidth
0.4 • fOUT
Hz
tS
Frequency Change Settling Time (Note 9)
1
Cycle
Analog Inputs
VSET
Voltage at SET Pin
l
0.97
1.00
1.03
V
∆VSET/∆T
VSET Drift Over Temperature
l
±75
µV/°C
RSET
Frequency-Setting Resistor
l
50
800
kΩ
VDIV
DIV Pin Voltage
l
0
V+
V
∆VDIV/∆V+
DIV Pin Valid Code Range (Note 5)
Deviation from Ideal
VDIV/V+ = (DIVCODE + 0.5)/16
l
±1.5
%
DIV Pin Input Current
l
±10
nA
Power Supply
V+
Operating Supply Voltage Range
l
2.25
5.5
V
Power-On Reset Voltage
l
1.95
V
IS
Supply Current
RL = ∞, RSET = 50k
V+ = 5.5V
V+ = 2.25V
l
l
135
105
170
135
µA
µA
RL = ∞, RSET = 100k
V+ = 5.5V
V+ = 2.25V
l
l
100
80
130
105
µA
µA
RL = ∞, RSET = 800k
V+ = 5.5V
V+ = 2.25V
l
l
65
55
100
85
µA
µA
RL = ∞, ISET = 0µA
V+ = 5.5V
V+ = 2.25V
60
52
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com