Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6231
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6231 Datasheet HTML 7Page - Linear Technology LT6231 Datasheet HTML 8Page - Linear Technology LT6231 Datasheet HTML 9Page - Linear Technology LT6231 Datasheet HTML 10Page - Linear Technology LT6231 Datasheet HTML 11Page - Linear Technology LT6231 Datasheet HTML 12Page - Linear Technology LT6231 Datasheet HTML 13Page - Linear Technology LT6231 Datasheet HTML 14Page - Linear Technology LT6231 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2315-12
11
231512f
For more information www.linear.com/2315-12
applicaTions inForMaTion
threedifferenttimingschemes.DataisseriallyoutputMSB
first through LSB last, followed by trailing zeros if further
SCK falling edges are applied. Figure 5 illustrates that dur-
ing the case where SCK is held low during the acquisition
phase, only one leading zero is output. Figures 6 and 7
illustrate that for the SCK held high during acquisition or
continuous clocking mode two leading zeros are output.
Leading zeros allow the 12-bit data result to be framed
with both leading and trailing zeros for timing and data
verification. Since the rising edge of SCK will be coincident
with the falling edge of CS, delay t2 is the delay to the first
falling edge of SCK, which is simply 0.5 • tSCK. Delays t2
(CS falling edge to SCK leading edge) and t10 (14th falling
SCK edge to CS rising edge) must be observed for Figures
5, 6 and 7 and any timing implementation in order for the
conversion process and data readout to occur correctly.
The user can bring CS high after the 14th falling SCK edge
provided that timing delay t10 is observed. Prematurely
terminating the conversion by bringing CS high before
the 14th falling SCK edge plus delay t10 will cause a loss
of conversion data for that sample. The sample-and-hold
is placed in sample mode when CS is brought high. As
shown in Figure 6, a sample rate of 5Msps can be achieved
on the LTC2315-12 by using an 87.5MHz SCK data clock
and a minimum acquisition time of 40ns which results in
the minimum throughput time (tTHROUGHPUT) of 200ns.
Note that the maximum throughput of 5Msps can only be
achieved with the timing implementation of SCK held high
during acquisition as shown in Figure 6.
The LTC2315-12 also supports a continuous data clock
as shown in Figure 7. With a continuous data clock the
acquisition time period and conversion time period must
be designed as an exact integer number of data clock
periods. Because the minimum acquisition time is not an
exact multiple of the minimum SCK period, the maximum
sample rate for the continuous SCK timing is less than
5Msps. For example, a 4.86Msps throughput is achieved
usingexactly18dataclockperiodswiththemaximumdata
clock frequency of 87.5MHz. For this particular case, the
acquisition time period and conversion clock period are
designed as 4 data clock periods (TACQ = 45.7ns) and 14
data clock periods (TCONV = 160ns) respectively, yielding
a throughput time of 205.7ns.
The following table illustrates the maximum throughput
achievable for each of the three timing patterns. Note
that in order to achieve the maximum throughput rate of
5Msps, the timing pattern where SCK is held high during
the acquisition time must be used.
Table 1: Maximum Throughput vs Timing Pattern
TIMING PATTERN
MAXIMUM
THROUGHPUT
SCK high during TACQ
5Msps
SCK low during TACQ
4.86Msps
SCK continuous (tTHROUGHPUT = 18 periods)
4.86Msps
Serial Data Output (SDO)
The SDO output is always forced into the high impedance
state while CS is high. The falling edge of CS starts the
conversion and enables SDO. The A/D conversion result
is shifted out on the SDO pin as a serial data stream with
the MSB first. The data stream consists of either one
leading zero (SCK held low during acquisition, Fig. 5) or
two leading zeros (SCK held high during acquisition, Fig.
6) followed by 12 bits of conversion data. There is 1 cycle
of conversion latency. Subsequent falling SCK edges after
the LSB is output will output zeros on the SDO pin. The
SDO output returns to the high impedance state after the
16th falling edge of SCK.
The output swing on the SDO pin is controlled by the
OVDD pin voltage and supports a wide operating range
from 1.71V to 5.25V independent of the VDD pin voltage.
Power Considerations
The LTC2315-12 provides two sets of power supply pins:
the analog 5V power supply (VDD) and the digital input/
output interface power supply (OVDD). The flexible OVDD
supply allows the LTC2315-12 to communicate with any
digital logic operating between 1.8V and 5V, including
2.5V and 3.3V systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com