Electronic Components Datasheet Search
  English  ▼

X  

LT6231 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6231
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6231 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6231 Datasheet HTML 12Page - Linear Technology LT6231 Datasheet HTML 13Page - Linear Technology LT6231 Datasheet HTML 14Page - Linear Technology LT6231 Datasheet HTML 15Page - Linear Technology LT6231 Datasheet HTML 16Page - Linear Technology LT6231 Datasheet HTML 17Page - Linear Technology LT6231 Datasheet HTML 18Page - Linear Technology LT6231 Datasheet HTML 19Page - Linear Technology LT6231 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC2315-12
16
231512f
For more information www.linear.com/2315-12
applicaTions inForMaTion
Figure 13. 16k Point FFT of the LTC2315-12 at fIN = 500 kHz
Figure 14. LTC2315-12 ENOB/SINAD vs fIN
Figure 15. LTC2315-12 IMD Plot
If two pure sine waves of frequencies fa and fb are ap-
plied to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies m • fa ± n • fb , where m and n = 0,
1, 2, 3, etc. For example, the 2nd order IMD terms include
(fa±fb).Ifthetwoinputsinewavesareequalinmagnitude,
the value (in decibels) of the 2nd order IMD products can
be expressed by the following formula:
IMD(fa ± fb) = 20 • log[VA (fa ± fb)/VA (fa)]
The LTC2315-12 has excellent IMD as shown in Figure 15.
Spurious Free Dynamic Range (SFDR)
The spurious free dynamic range is the largest spectral
componentexcludingDC,theinputsignalandtheharmon-
ics included in the THD. This value is expressed in decibels
relative to the RMS value of a full-scale input signal.
Full-Power and Full-Linear Bandwidth
The full-power bandwidth is the input frequency at which
theamplitudeofthereconstructedfundamentalisreduced
by 3dB for a full-scale input signal.
The full-linear bandwidth is the input frequency at which
the SINAD has dropped to 69dB (11.2 effective bits). The
LTC2315-12 has been designed to optimize the input
bandwidth,allowingtheADCtounder-sampleinputsignals
with frequencies above the converter’s Nyquist frequency.
The noise floor stays very low at high frequencies and
SINAD becomes dominated by distortion at frequencies
beyond Nyquist.
Recommended Layout
To obtain the best performance from the LTC2315-12 a
printed circuit board is required. Layout for the printed
circuit board (PCB) should ensure the digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital clocks or
signals alongside analog signals or underneath the ADC.
ThefollowingisanexampleofarecommendedPCBlayout.
A single solid ground plane is used. Bypass capacitors to
the supplies are placed as close as possible to the supply
pins. Low impedance common returns for these bypass
capacitors is essential to the low noise operation of the
ADC. The analog input traces are screened by ground.
231512 F13
FREQUENCY (kHz)
0
2500
2000
1000
500
1500
0
–20
–40
–60
–80
–100
–120
–140
VDD = 5V
SNR = 73.1dBFS
SINAD = 72.6dBFS
THD = –84dB
SFDR = 87dBc
INPUT FREQUENCY (kHz)
0
69
70
71
72
73
74
11.2
11.3
11.5
11.7
11.8
12.0
500
1000
1500
2000
2500
231512 F14
VDD = 5V
VDD = 3V
INPUT FREQUENCY (kHz)
0
–160
–120
–140
–80
–100
–60
–40
0
–20
500
1000
1500
2000
2500
231512 F15
VDD = 5V
fS = 5Msps
fa = 461.421kHz
fb = 541.421kHz
IMD2 (fb + fa) = –77.4dBc
IMD3 (2fb –fa) = –89.4dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com