Electronic Components Datasheet Search
  English  ▼

X  

LTC2162 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2162
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2162 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2162 Datasheet HTML 4Page - Linear Technology LTC2162 Datasheet HTML 5Page - Linear Technology LTC2162 Datasheet HTML 6Page - Linear Technology LTC2162 Datasheet HTML 7Page - Linear Technology LTC2162 Datasheet HTML 8Page - Linear Technology LTC2162 Datasheet HTML 9Page - Linear Technology LTC2162 Datasheet HTML 10Page - Linear Technology LTC2162 Datasheet HTML 11Page - Linear Technology LTC2162 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6431-15
8
643115f
Typical perForMance characTerisTics
Gain vs Output Power
Over Frequency
P1dB vs Frequency
Output Power vs Input Power
Over Frequency
OUTPUT POWER (dBm)
0
12.0
13.0
14.0
15.0
5
10
20
15
16.0
12.5
13.5
14.5
15.5
643115 G20
60MHz
100MHz
140MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
FREQUENCY (MHz)
0
20
21
700
19
18
200
400
100
900
300
500
800
600
1000
17
16
22
643115 G21
60MHz
100MHz
140MHz
200MHz
240MHz
300MHz
400MHz
500MHz
600MHz
700MHz
800MHz
900MHz
1000MHz
INPUT POWER (dBm)
–10
8
18
20
22
–6
–2
2
4
14
6
16
2
0
12
10
–8
–4
6
10
0
4
8
643115 G19
TA = 25°C, VCC = 5V, ZSOURCE = ZLOAD = 50Ω, unless
otherwise noted. Measurements are performed using Test Circuit A, measuring from 50Ω SMA to 50Ω SMA without de-embedding (Note 4).
Total Current (ITOT) vs VCC
Total Current (ITOT)
vs Case Temperature
Total Current vs RF Input Power
VCC (V)
4
90
5.75
80
70
4.5
5
4.25
4.75
5.25 5.5
6
60
50
100
TCASE = 25°C
643115 G16
TEMPERATURE (°C)
90
100
20
86
96
88
98
84
82
94
92
–40 –20
60
100
0
40
80
VCC = 5V
643115 G17
RF INPUT POWER (dBm)
–15
80
85
90
75
70
–10
0
–5
5
10
15
20
55
50
65
95
60
643115 G21
VCC = 5V
T = 25°C
HD2 vs Frequency Over POUT
HD3 vs Frequency Over POUT
HD4 vs Frequency Over POUT
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–50
200
400
100
900
300
500
800
600
1000
–60
–70
0
643115 G13
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–60
200
400
100
900
300
500
800
600
1000
–80
–100
–50
–70
–90
0
643115 G14
POUT =
6dBm
8dBm
10dBm
FREQUENCY (MHz)
0
–30
–20
–10
700
–40
–60
200
400
100
900
300
500
800
600
1000
–80
–100
–50
–70
–90
0
643115 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com