Electronic Components Datasheet Search
  English  ▼

X  

LTC2162 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2162
Description  50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2162 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2162 Datasheet HTML 8Page - Linear Technology LTC2162 Datasheet HTML 9Page - Linear Technology LTC2162 Datasheet HTML 10Page - Linear Technology LTC2162 Datasheet HTML 11Page - Linear Technology LTC2162 Datasheet HTML 12Page - Linear Technology LTC2162 Datasheet HTML 13Page - Linear Technology LTC2162 Datasheet HTML 14Page - Linear Technology LTC2162 Datasheet HTML 15Page - Linear Technology LTC2162 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC6431-15
16
643115f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2012
LT 0712 • PRINTED IN USA
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
Fixed Gain IF Amplifiers/ADC Drivers
LTC6417
1.6GHz Low Noise High Linearity Differential Buffer/
ADC Driver
OIP3 = 41dBm at 300MHz; Can Drive 50Ω Differential Output;
High Speed Voltage Clamping Protects Subsequent Circuitry
LTC6416
2GHz, 16-Bit Differential ADC Buffer
–72dBc IM2 at 300MHz 2VP-P Composite; IS = 42mA;
eN = 2.8nV/√Hz; AV = 0dB; 300MHz
LTC6410-6
1.4GHz Differential IF Amplifier with Configurable
Input Impedance
OIP3 = 36dBm at 70MHz; Flexible Interface to Mixer IF Port
LTC6400-8/LTC6400-14/
LTC6400-20/LTC6400-26
1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
–71dBc IM3 at 240MHz 2VP-P Composite; IS = 90mA;
AV = 8dB/14dB/20dB/26dB
LTC6420-20
Dual 1.8GHz Low Noise, Low Distortion Differential
ADC Drivers
Dual Version of the LTC6400-20; AV = 20dB
LT1993-2/LT1993-4/
LT1993-10
800MHz Differential Amplifier/ADC Drivers
–72dBc IM3 at 70MHz 2VP-P Composite; AV = 2V/V, 4V/V, 10V/V
Variable Gain IF Amplifiers/ADC Drivers
LTC6412
800MHz, 31dB Range Analog-Controlled VGA
OIP3 = 35dBm at 240MHz; Continuously Adjustable Gain Control
Baseband Differential Amplifiers
LT6411
Low Power Differential ADC Driver/Dual Selectable
Gain Amplifier
–83dBc IM3 at 70MHz 2VP-P Composite; AV = 1, –1 or 2;
16mA; Excellent for Single-Ended to Differential Conversion
LTC6406
3GHz Rail-to-Rail Input Differential Amplifier/
ADC Driver
–65dBc IM3 at 50MHz 2VP-P Composite; Rail-to-Rail Inputs;
eN = 1.6nV/√Hz; 18mA
LTC6404-1/LTC6404-2
Low Noise Rail-to-Rail Output Differential Amplifier/
ADC Driver
16-Bit SNR, SFDR at 10MHz; Rail-to-Rail Outputs;
eN = 1.5nV/√Hz; LTC6404-1 Is Unity-Gain Stable,
LTC6404-2 Is Gain-of-Two Stable
LTC6403-1
Low Noise Rail-to-Rail Output Differential
16-Bit SNR, SFDR at 3MHz; Rail-to-Rail Outputs; eN =
2.8nV/√Hz
LT1994
Low Noise, Low Distortion Differential Amplifier/ADC Driver
16-Bit SNR, SFDR at 1MHz; Rail-to-Rail Outputs
High Speed ADCs
LTC2208/LTC2209
16-Bit, 130Msps/160Msps ADCs
78dBFS/77dBFS Noise Floor, 100dB SFDR, 2.25VP-P or 1.5VP-P
Input Range
LTC2259-16
16-Bit, 80Msps, 1.8V ADC
89mW, 73.1dB SNR, 88dB SFDR, 1VP-P to 2VP-P Input Range
LTC2160/LTC2161/
LTC2162/LTC2163/
LTC2164/LTC2165
16-Bit, 25Msps/40Msps/65Msps/80Msps/105Msps/
125Msps, 1.8V ADCs
77dB SNR, 90dB SFDR, 1VP-P to 2VP-P Input Range
LTC2150-14/LTC2151-14/
LTC2152-14/LTC2153-14
14-Bit, 170Msps/210Msps/250Msps/310Msps, 1.8V ADCs
Single ADCs, >68dB SNR, >88dB SFDR, 1.32VP-P Input Range
LTC2155-14/LTC2156-14/
LTC2157-14/LTC2158-14
14-Bit, 170Msps/210Msps/250Msps/310Msps, 1.8V ADCs
Dual ADCs, >68dB SNR, >88dB SFDR, 1.32VP-P Input Range
Typical applicaTion
643115 TA02
LTC6431-15
RSOURCE
50
VCC = 5V
C = 1000pF
1000pF
9, 22
8, 17, 23, 25
24
18
5V
RF
CHOKE,
L = 560nH
RLOAD
50
0.1µF
C =1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com