Electronic Components Datasheet Search
  English  ▼

X  

MIAR03 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIAR03
Description  DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIAR03 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIAR03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIAR03 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/30 P5 Page 2 of 4
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage SettingAccuracy
At 50% Load and Nominal Vin
---
---
±4.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±3.0
%
Line Regulation
Vin=Min. to Max.
---
±0.2
±0.5
%
Load Regulation
Io=10% to 100%
---
±0.2
±0.5
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
---
30
60
mV P-P
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
M
I/O Isolation Capacitance
100KHz, 1V
---
300
---
pF
Switching Frequency
---
300
---
KHz
MTBF(calculated)
MIL-HDBK-217F@25℃, Ground Benign
700,000
---
---
Hours
SafetyApprovals (pending)
UL/cUL 60950-1 recognition(CSAcertificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
5V Input Models
12V Input Models
24V Input Models
1500mASlow-Blow Type
700mASlow-Blow Type
350mASlow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
OperatingAmbient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+95
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
Power Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com