Electronic Components Datasheet Search
  English  ▼

X  

MIAR03 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIAR03
Description  DC/DC CONVERTER 3W, DIP-24 Plastic Package Cost optimized Design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIAR03 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIAR03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIAR03 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIAR03 SERIES
DC/DC CONVERTER 3W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2013/01/30 P5 Page 3 of 4
®
Notes
1 Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2 Ripple & Noise measurement bandwidth is 0-20MHz.
3 All DC/DC converters should be externally fused at the front end for protection.
4 Other input and output voltage may be available, please contact factory.
5 That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6 Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
NC
-Vout
3
NC
Common
10
-Vout
Common
11
+Vout
+Vout
12
-Vin
-Vin
13
-Vin
-Vin
14
+Vout
+Vout
15
-Vout
Common
22
NC
Common
23
NC
-Vout
24
+Vin
+Vin
NC: No Connection
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
► Pin diameter — 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
: 31.8x20.3x10.2 mm (1.25x0.80x0.40 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Copper-Clad Steel Wire
Weight
: 12.4g
Bottom View
1
2
11 12
13
15
23
24
17.78 [0.70]
31.8 [1.25]
2x2.54
[2x0.10]
2.0
[0.08]
14
3
10
22
2x2.54
[2x0.10]
0.50 [0.02]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com