Electronic Components Datasheet Search
  English  ▼

X  

MDW1012 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MDW1012
Description  DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDW1012 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MDW1012 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDW1000 SERIES
DC/DC CONVERTER 2W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:6
Page 2 of 4
®
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
11
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3.5
4
4.5
12V Input Models
4.5
7
9
24V Input Models
8
12
18
Start-Up Voltage
48V Input Models
16
24
36
5V Input Models
---
3.5
4
12V Input Models
---
6.5
8.5
24V Input Models
---
11
17
Under Voltage Shutdown
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
1500
mW
Internal Power Dissipation
---
---
1800
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±0.75
%
Ripple & Noise (20MHz)
---
30
50
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
75
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
100
300
uS
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/
℃
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
250
420
pF
Switching Frequency
---
300
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Input Fuse
5V Input Models
12V Input Models
24V Input Models
48V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
250mA Slow-Blow Type
120mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+80
℃
Case Temperature
---
+90
℃
Storage Temperature Range
-55
+105
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com