Electronic Components Datasheet Search
  English  ▼

X  

MDW1012 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MDW1012
Description  DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDW1012 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MDW1012 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDW1012 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MDW1000 SERIES
DC/DC CONVERTER 2W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:6
Page 3 of 4
®
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 0-20 MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these
modules; however, they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
Specifications subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
-Vin
-Vin
7
NC
NC
8
NC
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin
NC: No Connection
►All dimensions in mm (inches)
►Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
23.8x13.7x8.0 mm (0.94x0.54x0.31 inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight
:
5.1g
15.24 [0.60]
17
8
16
10
9
0.50 [0.02]
2.54
[0.10]
3.0
[0.12]
23.8 [0.94]
Bottom View



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com