Electronic Components Datasheet Search
  English  ▼

X  

ACTS512K8 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACTS512K8
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTS512K8 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACTS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
5
Pin Numbers & Functions
36 Pins — Flat Package
Pin #
Function
Pin #
Function
1
A0
19
NC
2
A1
20
A10
3
A2
21
A11
4
A3
22
A12
5
A4
23
A13
6
CE
24
A14
7
I/O0
25
I/O4
8
I/O1
26
I/O5
9
VCC
27
VCC
10
VSS
28
VSS
11
I/O2
29
I/O6
12
I/O3
30
I/O7
13
WE
31
OE
14
A5
32
A15
15
A6
33
A16
16
A7
34
A17
17
A8
35
A18
18
A9
36
NC
All dimensions in inches
Package Outline "F3" — Small Flat Package, 36 Leads
.850 REF
.930
Pin 1
.515
.017
MAX
±.002
.125 MAX
.005 ±.002
Pin 18
Pin 19
Pin 36
MAX
(17 spaces at .050)
2 sides
.350
MIN
.035±.003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com