Electronic Components Datasheet Search
  English  ▼

X  

ACTS512K8 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACTS512K8
Description  ACT-S512K8 High Speed 4 Megabit Monolithic SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTS512K8 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

  ACTS512K8 Datasheet HTML 1Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 2Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 3Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 4Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 5Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 6Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 7Page - Aeroflex Circuit Technology ACTS512K8 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Aeroflex Circuit Technology
SCD1664 REV C 5/10/00
Plainview NY (516) 694-6700
8
Ordering Information
Model Number
DESC Part Number
Speed
Package
ACT–S512K8N–017F3Q
5962–9561310HUC
17ns
36 Lead Flat
ACT–S512K8N–020F3Q
5962–9561309HUC
20ns
36 Lead Flat
ACT–S512K8N–025F3Q
5962–9561308HUC
25ns
36 Lead Flat
ACT–S512K8N–035F3Q
5962–9561307HUC
35ns
36 Lead Flat
ACT–S512K8N–045F3Q
5962–9561306HUC
45ns
36 Lead Flat
ACT–S512K8N–055F3Q
5962–9561305HUC
55ns
36 Lead Flat
ACT–S512K8N–017P4Q
5962–9561310HYC
17ns
32 Pin DIP
ACT–S512K8N–020P4Q
5962–9561309HYC
20ns
32 Pin DIP
ACT–S512K8N–025P4Q
5962–9561308HYC
25ns
32 Pin DIP
ACT–S512K8N–035P4Q
5962–9561307HYC
35ns
32 Pin DIP
ACT–S512K8N–045P4Q
5962–9561306HYC
45ns
32 Pin DIP
ACT–S512K8N–055P4Q
5962–9561305HYC
55ns
32 Pin DIP
ACT–S512K8N–017F4Q
5962–9561310HZC
17ns
36 Lead CSOJ
ACT–S512K8N–020F4Q
5962–9561309HZC
20ns
36 Lead CSOJ
ACT–S512K8N–025F4Q
5962–9561308HZC
25ns
36 Lead CSOJ
ACT–S512K8N–035F4Q
5962–9561307HZC
35ns
36 Lead CSOJ
ACT–S512K8N–045F4Q
5962–9561306HZC
45ns
36 Lead CSOJ
ACT–S512K8N–055F4Q
5962–9561305HZC
55ns
36 Lead CSOJ
* Pending
ACT– S 512K 8 N– 020 F4 Q
Aeroflex Circuit
Model Number Breakdown
Technology
Memory Type
S = SRAM
Memory Depth
Pinout Options
Memory Width, Bits
N = None
Memory Speed, ns
Package Type & Size
Surface Mount Packages
Thru-Hole Packages
F3 = 36 Pin FP
P4 = 32 Pin DIP
F4 = 36 Pin CSOJ
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screening
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
Specification subject to change without notice
CIRCUIT TECHNOLOGY
* Screened to the individual test methods of MIL-STD-883



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com