Electronic Components Datasheet Search
  English  ▼

X  

CT1698 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT1698
Description  CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1698 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT1698 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aeroflex Circuit Technology
SCDCT1698 REV A 6/12/98 Plainview NY (516) 694-6700
4
t1
t7
t2
t3
t4
t5
t5
t6
5th Data
BIT
4th Data
BIT
3rd Data
BIT
2nd Data
BIT
1st Data
BIT
Manchester II
Receiver Data
Decoded
Data
Envelope
RXData
DataR
CKR
Figure 3 Receiver / Decode Timing
Symbol
Parameter / Condition
Min
Nom
Max
Units
t1
Envelope delay time
-
-
100
nsec
t2
Data decode delay
-
115
125
nsec
t3
Clock low transition delay
-
130
-
nsec
t4
ClockR high time
35
50
65
nsec
t5
ClockR low time
35
50
65
nsec
t6
Envelope off delay
120
-
270
nsec
t7
Receiver strobe enable to input data set-up time
5
nsec
t8
Receiver strobe disable to input data hold-time
20
?
Power Management Functional Table
Encoder
Enable
(Pin 10)
Power Management
Input
(Pin 9)
Receiver
Status
Transmitter
Status
0
0
Active
Standby
X
1
Active
Active
1
X
Active
Active
Power management timing see Figure 2.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com