Electronic Components Datasheet Search
  English  ▼

X  

CT1698 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # CT1698
Description  CT1698 MIL-STD-1397 Type E 10MHz Low Level Serial Interface
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1698 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  CT1698 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1698 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Aeroflex Circuit Technology
SCDCT1698 REV A 6/12/98 Plainview NY (516) 694-6700
7
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Ordering Information
Model Number
Package
CT1698
Plug-in Package
CT1698FP
Flat Package
1.410
MAX
.015 ±.003
.100 ±.005
Lead 1 & ESD
Designator
1.810
MAX
.400 MIN
.180 MAX
.010 ±.002
Plug-In Package Outline
Flat Package Outline
Pin 1 & ESD
Designator
1.810
MAX
.100 TYP
Both Sides
1.200 ±.005
.100 ±.005
TYP
.018 ±.002
DIA
(17 Pins/Side)
.120 ±.010
Both Sides
.200
.270 ±.010
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com