Electronic Components Datasheet Search
  English  ▼

X  

4810 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Aeroflex Circuit Technology
SCD4810 REV B 8/12/98
Plainview NY (516) 694-6700
5
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Configuration
ARX4810
5962-TBA
Normally High
Plug-In
Dual
ARX4810-201-1
5962-9550501HXC
Normally High
Flat Pkg (.175 Lead)
Dual
ARX4810-201-2
5962-9550501HXA
Normally High
Flat Pkg (.175 Lead)
Dual
ARX4810-201-3
5962-9550501HXA or C
Normally High
Flat Pkg (.175 Lead)
Dual
ARX4810-203-1
5962-9550501HYC
Normally High
Flat Pkg (.300 Lead)
Dual
ARX4810-203-2
5962-9550501HYA
Normally High
Flat Pkg (.300 Lead)
Dual
ARX4810-203-3
5962-9550501HYA or C
Normally High
Flat Pkg (.300 Lead)
Dual
ARX4811
5962-TBA
Normally Low
Plug-In
Dual
ARX4811-2
5962-TBA
Normally Low
Flat Package
Dual
Figure 3 – Transmitter (TX) Output Wave form
Figure 4 – Transmitter (TX) Output offset
Figure 5 – Typical Transformer connection
Figure 6 – Power Dissipation vs. Duty Cycle
6.5V P-P MIN
8.5V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Fig 5
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
N1:N2
A
A’
B’
B
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
Ω
70
Ω
52.5
Ω
52.5
Ω
Ctr
tap
Transformer turns ratios:
N1:N2 = 1:1
N1:N3 = 1:0.71
Use Aeroflex 25T1553-1
N1:N3 for
stub
coupling
0 volts
Magnified View
(per channel)
D.U.T
+
1uf, 10 V
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
TYPICAL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com