Electronic Components Datasheet Search
  English  ▼

X  

4810 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 4810
Description  ARX4810 & 4810FP Universal Dual Transceivers for MIL-STD-1553 & MACAIR A3818, A5690, A5232 & A4905
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

4810 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  4810 Datasheet HTML 1Page - Aeroflex Circuit Technology 4810 Datasheet HTML 2Page - Aeroflex Circuit Technology 4810 Datasheet HTML 3Page - Aeroflex Circuit Technology 4810 Datasheet HTML 4Page - Aeroflex Circuit Technology 4810 Datasheet HTML 5Page - Aeroflex Circuit Technology 4810 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com
AEROFLEX
ARX
4810
USA-88379
Features
• World’s smallest dual "Universal Transceiver"
0.3" X 1.2" Package
• Dual transceiver meets military data bus
requirements, MIL-STD-1553 and Macair specs
• Low power dissipation at full output power
• +5 / -15 Volt Power Supply Operation
• Voltage source output for higher bus drive power
• Monolithic construction using linear ASICs
• Processed and screened to MIL-STD-883 specs
• MIL-PRF-38534 Compliant Devices Available
• DESC SMD (Standard Military Drawing)
General Description
The
Aeroflex
Circuit
Technology
Models ARX4810 and ARX4810FP
are
new
generation
monolithic
transceivers
which
provide
full
compliance with MIL-STD-1553 and
Macair data bus requirements in the
smallest packages with low power
consumption and two power supply
operation.
The dual channel Model ARX4810
and Model ARX4810FP perform the
front-end analog function of inputting
and
outputting
data
through
a
transformer to a MIL-STD-1553 or
Macair data bus.
Design of these transceivers reflects
particular attention to active filter
performance.This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter
electrical
and
thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Each channel of the dual transceiver
is completely separate from the other
and fully independent. This includes
power leads as well as signal lines.
Hence,
each
channel
may
be
connected to a different data bus with
no interaction.
Transmitter
The
Transmitter
section
accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:1 transformer, isolated on the data
bus side with two 52.5 Ohm fault
isolation resistors, and loaded by two
ARX4810 Dual Universal Transceiver
SHAPING
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5 V
STROBE
TX/RX
TX/RX
RX DATA OUT
RX DATA OUT
-15 V to -12V
GROUND
ARX4810 & 4810FP Universal Dual
Transceivers for MIL-STD-1553
& MACAIR A3818, A5690, A5232 & A4905
Block Diagram (without transformer), 1/2 of unit shown
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4810 REV B 8/12/98


Similar Part No. - 4810

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4810 SCHURTER-4810 Datasheet
353Kb / 2P
Power Cord with IEC Connector C7, Straight 70째C
logo
Heyco.
4810 HEYCO-4810 Datasheet
299Kb / 1P
Quick Connect Terminals
logo
ASSUN MOTOR Pte Ltd.
4810 ASSUN-4810 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
4810 ASSUN-4810 Datasheet
311Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
4810 ASSUN-4810 Datasheet
2Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 4810

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com