Electronic Components Datasheet Search
  English  ▼

X  

CT2561 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # CT2561
Description  CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2561 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  CT2561 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Aeroflex Circuit Technology
6
SCDCT2561 REV A 8/16/99 Plainview NY (516) 694-6700
21
60
22
61
23
62
24
63
25
64
26
65
27
66
28
67
29
68
30
69
31
70
32
71
33
72
34
73
35
74
36
75
37
76
38
77
39
78
40
1
41
2
42
3
43
4
44
5
45
6
46
7
47
8
48
9
49
10
50
11
51
12
52
13
53
14
54
15
55
16
56
17
57
18
58
19
59
20
RT/BC
BCSTART
MT
NBGRNT
STATEN
BITEN
TIMEOUT
WR
HSFAIL
BUSGRNT
DBACCEPT
LOOPERR
SSFLAG
SSBUSY
SVCREQ
ILLCMD
INCMD
ADRINC
SSER
CASE GND
TESTOUT
WC0
WC1
WC2
WC3
WC4
TXINH B
TXINH A
T/R
LMC
CHB/CHA
TESTIN
CS
EOM
OE
BUFENA
BUSREQ
BUSACK
+5 Volt
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15 (MSB)
LWORD
STATERR
MSGERR
TXDATA A
TXDATA A
RXDATA A
RXDATA A
NODT
RTADP
RTAD0
RTAD1
RTAD2
RTAD3
RTAD4
RESET
BCSTRCV
TXDATA B
TXDATA B
RXDATA B
RXDATA B
16MHz
SOM
GND
CT2561
MIL-STD-1553
BUS Controller,
Remote Terminal and
Plug-In Pin Connection Diagram, CT2561 and Pinout
Table 1B – CT2561 Pin Out Description
(Plug-In)
Pin
#
Function
Pin
#
Function
1
RT/BC
40
GND
2
MT
41
BCSTART
3
STATEN
42
NBGRNT
4
TIMEOUT
43
BITEN
5
HSFAIL
44
WR
6
DBACCEPT
45
BUSGRNT
7
SSFLAG
46
LOOPERR
8
SVCREQ
47
SSBUSY
9
INCMD
48
ILLCMD
10
SSER
49
ADRINC
11
TESTOUT
50
CASE GND
12
WC1
51
WC0
13
WC3
52
WC2
14
TXINH B
53
WC4
15
T/R
54
TXINH A
16
CHB/CHA
55
LMC
17
CS
56
TESTIN
18
OE
57
EOM
19
BUSREQ
58
BUFENA
20
+ 5 Volt
59
BUSACK
21
DB0 (LSB)
60
DB1
22
DB2
61
DB3
23
DB4
62
DB5
24
DB6
63
DB7
25
DB8
64
DB9
26
DB10
65
DB11
27
DB12
66
DB13
28
DB14
67
DB15 (MSB)
29
LWORD
68
STATERR
30
MSGERR
69
TXDATA A
31
TXDATA A
70
RXDATA A
32
RXDATA A
71
NODT
33
RTADP
72
RTAD0
34
RTAD1
73
RTAD2
35
RTAD3
74
RTAD4
36
RESET
75
BCSTRCV
37
TXDATA B
76
TXDATA B
38
RXDATA B
77
RXDATA B
39
16MHz
78
SOM
BUS MONITOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com