Electronic Components Datasheet Search
  English  ▼

X  

CT2561 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # CT2561
Description  CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2561 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

  CT2561 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Aeroflex Circuit Technology
9
SCDCT2561 REV A 8/16/99 Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Ordering Information
Model Number
Screening
Package
CT2561
Military Temperature, -55°C to +125°C,
Screened to the individual test methods of MIL-STD-883
Plug in
CT2561-FP
Flat Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com