Electronic Components Datasheet Search
  English  ▼

X  

PE44059 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44059
Description  UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Front Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44059 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44059 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Front Mount from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole,
Front Mount PE44059
URL: http://www.pasternack.com/uhf-female-standard-solder-cup-terminal-connector-pe44059-p.aspx
UHF Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .575 inch D Hole, Front Mount
PE44059
PE44059 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com