Electronic Components Datasheet Search
  English  ▼

X  

PE44059 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44059
Description  UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Front Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44059 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44059 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44059 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44059 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Front
Mount
Configuration
Connector
UHF Female
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.01 [25.65]
Width/Dia., in [mm]
0.748 [19.00]
.
Weight, lbs [g]
0.041 [18.6]
Connector
Type
UHF Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole,
Front Mount PE44059
PE44059
PE44059 REV
UHF Female Bulkhead Connector Solder Attachment
Solder Cup Terminal, .575 inch D Hole, Front Mount


Similar Part No. - PE44059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4405 PASTERNACK-PE4405 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE44050 PASTERNACK-PE44050 Datasheet
271Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE44051 PASTERNACK-PE44051 Datasheet
85Kb / 1P
UHF MALE CRIMP ATTACHMENT FOR RG9 RG214 RG225 &RG393
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
More results

Similar Description - PE44059

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4240 PASTERNACK-PE4240 Datasheet
241Kb / 2P
C Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .720 inch D Hole
PE44089 PASTERNACK-PE44089 Datasheet
239Kb / 2P
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Front Mount
PE4219 PASTERNACK-PE4219 Datasheet
235Kb / 2P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
PE44060 PASTERNACK-PE44060 Datasheet
205Kb / 2P
UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .575 inch D Hole, Rear Mount
PE4644 PASTERNACK-PE4644 Datasheet
289Kb / 3P
Mini UHF Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole, Rear Mount
PE4170 PASTERNACK-PE4170 Datasheet
824Kb / 2P
SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4171 PASTERNACK-PE4171 Datasheet
818Kb / 2P
SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole, Front Mount
PE4014 PASTERNACK-PE4014_16 Datasheet
350Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .410 inch D Hole
PE4015 PASTERNACK-PE4015_16 Datasheet
353Kb / 3P
BNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4219 PASTERNACK-PE4219_16 Datasheet
345Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com