Electronic Components Datasheet Search
  English  ▼

X  

PE44127 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44127
Description  SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44127 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44127 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44127 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44127 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole from Pasternack Enter-
prises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44127
URL: http://www.pasternack.com/smc-jack-standard-thru-hole-pcb-connector-pe44127-p.aspx
SMC Jack Right Angle Bulkhead Connector Solder
Attachment Thru Hole PCB, .177 inch D Hole
PE44127
PE44127 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com