Electronic Components Datasheet Search
  English  ▼

X  

PE44127 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44127
Description  SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44127 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44127 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44127 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44127 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMC Jack Right Angle Bulkhead Connector Solder
Attachment Thru Hole PCB, .177 inch D Hole
SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
Configuration
Connector
SMC Jack
Connector Specification
MIL-C-39012
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 10
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.812 [20.62]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.457 [11.61]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMC Jack
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D
Hole PE44127
PE44127
PE44127 REV


Similar Part No. - PE44127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4412 PASTERNACK-PE4412 Datasheet
241Kb / 2P
SMA Female Connector Crimp/solder Attachment For RG55,RG142,RG223,RG400
PE4412 PASTERNACK-PE4412 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44120 PASTERNACK-PE44120 Datasheet
240Kb / 2P
SMC Jack Connector Solder Attachment Surface Mount PCB
PE44121 PASTERNACK-PE44121 Datasheet
242Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Surface Mount PCB
PE44122 PASTERNACK-PE44122 Datasheet
221Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44376 PASTERNACK-PE44376 Datasheet
258Kb / 3P
RP MCX Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44124 PASTERNACK-PE44124 Datasheet
298Kb / 3P
SMC Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44126 PASTERNACK-PE44126 Datasheet
252Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44128 PASTERNACK-PE44128 Datasheet
224Kb / 3P
75 Ohm Mini SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4285 PASTERNACK-PE4285 Datasheet
238Kb / 2P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .177 inch D Hole
PE44123 PASTERNACK-PE44123 Datasheet
225Kb / 3P
SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44875 PASTERNACK-PE44875 Datasheet
253Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4178 PASTERNACK-PE4178_16 Datasheet
353Kb / 4P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com